Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 34 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 34 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 30Page - Microchip Technology UCS1003-2 Datasheet HTML 31Page - Microchip Technology UCS1003-2 Datasheet HTML 32Page - Microchip Technology UCS1003-2 Datasheet HTML 33Page - Microchip Technology UCS1003-2 Datasheet HTML 34Page - Microchip Technology UCS1003-2 Datasheet HTML 35Page - Microchip Technology UCS1003-2 Datasheet HTML 36Page - Microchip Technology UCS1003-2 Datasheet HTML 37Page - Microchip Technology UCS1003-2 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 34
 2014-2015 Microchip Technology Inc.
Table 5-2 shows the settings for the various power
states, except for the OFF and Error states. If
VDD <VDD_TH, the UCS1003-1/2/3 devices are in the
OFF state. To determine the mode of operation in the
Active state, see Table 9-1.
Note:
Using
configurations
not
listed
in
Table 5-2 are not recommended and may
produce undesirable results.
TABLE 5-2:
POWER STATE CONTROL SETTINGS
Power State
VS
PWR_EN
S0
M1, M2,
EM_EN
Portable
Device
Attached
Behavior
Sleep
N/A
Disabled
0
Not set to Data
Pass-Through
mode (Note 1)
N/A
• All switches disabled
•VBUS will be near ground potential
• The UCS1003-1 wakes to respond
to SMBus communications
N/A
Enabled
0
All = 0b
N/A
Detect
(see Section 8.0
“Detect State”
)
N/A
Disabled
1
N/A
N/A
• High-speed switch disabled (by
default)
• Port power switch disabled
• Host-controlled transition to
Active state (see Section 5.1.3.2
“Host-Controlled Transition
from Detect to Active”
)
< VS_UVLO Enabled
1
All
 0b
N/A
> VS_UVLO Enabled
1
All
 0b
No
• High-speed switch disabled (by
default)
• Automatic transition to Active
state when conditions met (see
Section 5.1.3.1 “Automatic
Transition from Detect to
Active”
)
Active
(see Section 9.0
“Active State”
)
> VS_UVLO Enabled
0
All
 0b
N/A
• High-speed switch enabled/
disabled based on mode
• Port power switch is on at all times
• Attach and Removal Detection
disabled (Note 2)
> VS_UVLO Enabled
1
All
 0b
Yes
• Port power switch is on
• Removal Detection enabled
Note 1:
In order to transition from Active State Data Pass-Through mode into Sleep with these settings, change the
M1, M2 and EM_EN pins before changing the PWR_EN pin. See Section 9.4 “Data Pass-Through (No
Charger Emulation)”
.
2:
If S0 = 0 and a portable device is not attached in DCE Cycle mode, the UCS1003-1/2/3 devices will be
cycling through charger emulation profiles (by default). There is no assurance which charger emulation
profile will be applied first when a portable device attaches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com