Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 79 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 79 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 75Page - Microchip Technology UCS1003-2 Datasheet HTML 76Page - Microchip Technology UCS1003-2 Datasheet HTML 77Page - Microchip Technology UCS1003-2 Datasheet HTML 78Page - Microchip Technology UCS1003-2 Datasheet HTML 79Page - Microchip Technology UCS1003-2 Datasheet HTML 80Page - Microchip Technology UCS1003-2 Datasheet HTML 81Page - Microchip Technology UCS1003-2 Datasheet HTML 82Page - Microchip Technology UCS1003-2 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 79
UCS1003-1/2/3
10.4.5
HIGH-SPEED SWITCH
CONFIGURATION REGISTER
The contents of this register are retained in Sleep.
REGISTER 10-12: HIGH-SPEED SWITCH CONFIGURATION REGISTER (ADDRESS 25h)
U-0
U-0
U-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
—
—
—
RESERVED
HSW_CUST
HSW_CDP
HSW_DET HSW_DCE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented:
Read as ‘0’
bit 4
Reserved:
Do not change
bit 3
HSW_CUST:
Custom Handshake USB High-Speed Data Switch Enable bit
Enables the USB high-speed data switch to be active during the custom handshake. This control is
checked at the beginning of charger emulation. Therefore, changing this control during emulation will
have no immediate effect. Upon restarting charger emulation (as a result of the EM_RETRY bit being set,
a Removal Detection event or change of emulation controls), the high-speed switch will close.
1
= The USB high-speed data switch is enabled while the custom charger emulation profile is applied;
also, if the custom charger emulation profile is accepted during the Dedicated Charger Emulation
Cycle mode, the high-speed switch will stay closed
0
= The USB high-speed data switch is disabled while the custom charger emulation profile is applied
bit 2
HSW_CDP:
CDP Handshake USB High-Speed Data Switch Enable bit
Enables the USB high-speed data switch to be active during the CDP handshake. This control is
checked at the beginning of charger emulation. Therefore, changing this control during emulation will
have no immediate effect. Upon restarting charger emulation (as a result of a Removal Detection event
or change of emulation controls), the high-speed switch will close.
1
= The USB high-speed data switch is enabled during the CDP handshake
0
= The USB high-speed data switch is disabled during the CDP handshake
bit 1
HSW_DET:
Detect Power State USB High-Speed Data Switch Enable bit
Enables the USB high-speed data switch to be active during the Detect power state. If the S0 control is
set to ‘0’, this bit is ignored.
1
= The USB high-speed data switch will be closed during the Detect power state
0
= The USB high-speed data switch is open during the Detect power state
bit 0
HSW_DCE:
DCP Charger Emulation Profile USB High-Speed Data Switch Enable bit
Enables the USB high-speed data switch after the DCP charger emulation profile or one of the Legacy
charger emulation profiles was accepted during the DCE Cycle and the portable device is charging. This
bit is ignored if the UCS1003-1 is not in the Active state. This bit will not cause the high-speed switch to
be closed during emulation when the DCP and Legacy profiles are applied, only after the DCP or a
Legacy charger emulation profile has been accepted.
1
= The USB high-speed data switch will be closed
0
= The USB high-speed data switch will be open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com