Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 69 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 69 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 65Page - Microchip Technology UCS1003-2 Datasheet HTML 66Page - Microchip Technology UCS1003-2 Datasheet HTML 67Page - Microchip Technology UCS1003-2 Datasheet HTML 68Page - Microchip Technology UCS1003-2 Datasheet HTML 69Page - Microchip Technology UCS1003-2 Datasheet HTML 70Page - Microchip Technology UCS1003-2 Datasheet HTML 71Page - Microchip Technology UCS1003-2 Datasheet HTML 72Page - Microchip Technology UCS1003-2 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 69
UCS1003-1/2/3
10.3.1
PROFILE STATUS 1 REGISTER
These bits are indicators only and will not cause the
ALERT# pin or A_DET# pin to change states. The
CUST, DCP, CDP and PT bits are cleared under the
following circumstances:
• The PWR_EN control is disabled
• A new Active mode is selected
• A Removal Detection event occurs
REGISTER 10-5:
PROFILE STATUS 1 REGISTER (ADDRESS 12h)
R-0
U-0
U-0
R-0
R-0
R-0
R-0
R-0
NO_HS(1)
—
—
VS_LOW
CUST
DCP
CDP
PT(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
NO_HS:
No Handshake Status bit(1)
The NO_HS bit is only set during the Dedicated Charger Emulation Cycle mode (see Section 9.10 “No
Handshake (UCS1003-1 only)”
). This bit is automatically cleared whenever a new charger emulation
profile is applied.
1
= No handshake at the end of the DCE Cycle
0
= A new charger emulation profile has been applied
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
VS_LOW:
VS_UVLO Voltage Threshold Status bit
Indicates that the VS voltage is below the VS_UVLO threshold and the port power switch is held off. This
bit is cleared automatically when the VS voltage is above the VS_UVLO threshold.
1
= VS < VS_UVLO
0
= VS > VS_UVLO
bit 3
CUST:
Custom Charger Emulation Profile Status bit
Indicates that the portable device successfully performed a handshake with the user-defined custom
charger emulation profile during the DCE Cycle and is charging. Based on the custom charger emulation
profile configuration, the high-speed switch will either be open or closed (see Section 10.13 “Custom
Emulation Configuration Registers”
). The port power switch Current-Limiting mode is determined by
the Custom Current Limiting Behavior Configuration register settings (see Section 10.14.2 “Custom
Current-Limiting Behavior Configuration Register”
).
1
= Custom profile handshake completed
0
= No custom profile handshake
bit 2
DCP:
DCP Charger Emulation Profile Status bit
Indicates that the portable device accepted the BC1.2 DCP charger emulation profile and is charging.
The high-speed switch will be controlled via the HSW_DCE bit (see Section 10.4.5 “High-Speed
Switch Configuration Register”
) and the port power switch will use Constant-Current Limiting.
1
= DCP handshake completed
0
= No DCP handshake
Note 1:
The NO_HS bit does not indicate that a portable device is drawing current and it may be cleared to ‘0’
(indicating a handshake), and a portable device not charge. This bit is set at the end of each charger emu-
lation profile if a portable device does not handshake with it. This bit will not be set at the same time that
any other Profile Status register bits are set.
2:
When the UCS1003-1 is configured as a data pass-through and a removal event and then an Attach event
occurs without changing the Active mode, the PT bit will not be set again, even though the UCS1003-1 is still
operating as a data pass-through as configured. Toggling the M1 control will re-enable the PT status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com