Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 73 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 73 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 69Page - Microchip Technology UCS1003-2 Datasheet HTML 70Page - Microchip Technology UCS1003-2 Datasheet HTML 71Page - Microchip Technology UCS1003-2 Datasheet HTML 72Page - Microchip Technology UCS1003-2 Datasheet HTML 73Page - Microchip Technology UCS1003-2 Datasheet HTML 74Page - Microchip Technology UCS1003-2 Datasheet HTML 75Page - Microchip Technology UCS1003-2 Datasheet HTML 76Page - Microchip Technology UCS1003-2 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 73
UCS1003-1/2/3
10.3.3
PIN STATUS REGISTER
The Pin Status register reflects the current pin state of the
external control pins, as well as identifying the power
state. These bits are linked to the X_SET bits (see
Section 10.4.3 “Switch Configuration Register”
).
REGISTER 10-7:
PIN STATUS REGISTER (ADDRESS 14h)
U-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
PWR_EN_PIN
M2_PIN
M1_PIN
EM_EN_PIN
SEL_PIN
PWR_STATE<1:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6
PWR_EN_PIN:
PWR_EN Pin Control Status bit
Reflects the PWR_EN control state. This bit is set and cleared automatically as the PWR_EN
pin/PWR_ENS bit state changes.
1
= PWR_EN is logic ‘1’
0
= PWR_EN is logic ‘0’
bit 5
M2_PIN:
M2 Pin Control Status bit
Reflects the M2 pin state. This bit is set and cleared automatically as the M2 pin/M2_SET state changes.
1
= M2 is logic ‘1’
0
= M2 is logic ‘0’
bit 4
M1_PIN:
M1 Pin Control Status bit
Reflects the M1 pin state. This bit is set and cleared automatically as the M1 pin/M1_SET state changes.
1
= M1 is logic ‘1’
0
= M1 is logic ‘0’
bit 3
EM_EN_PIN:
EM_EN Pin Control Status bit
Reflects the EM_EN pin state. This bit is set and cleared automatically as the EM_EN pin/EM_EN_SET
state changes.
1
= EM_EN is logic ‘1’
0
= EM_EN logic ‘0’
bit 2
SEL_PIN:
SEL Pin Control Status bit
Reflects the polarity settings determined by the SEL pin decode. This bit is set or cleared automatically
upon device power-up as the SEL pin is decoded.
1
= The PWR_EN control is active-high
0
= The PWR_EN control is active-low
bit 1-0
PWR_STATE<1:0>:
Power State Control Status bits(1)
Indicates the current power state. These bits are set and cleared automatically as the power state
changes.
00
= Sleep
01
= Detect
10
= Active
11
= Error
Note 1:
Accessing the SMBus/I2C causes the UCS1003-1 to leave the Sleep state. As a result, the
PWR_STATE<1:0> bits will never read as ‘00b’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com