Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 110 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 110 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 106Page - Microchip Technology UCS1003-2 Datasheet HTML 107Page - Microchip Technology UCS1003-2 Datasheet HTML 108Page - Microchip Technology UCS1003-2 Datasheet HTML 109Page - Microchip Technology UCS1003-2 Datasheet HTML 110Page - Microchip Technology UCS1003-2 Datasheet HTML 111Page - Microchip Technology UCS1003-2 Datasheet HTML 112Page - Microchip Technology UCS1003-2 Datasheet HTML 113Page - Microchip Technology UCS1003-2 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 110
 2014-2015 Microchip Technology Inc.
bit 3-0
CS_S1_R1<3:0>:
Stimulus 1 Response Definition bits
0000
= Removes previous response on DPOUT and DMOUT
0001
= Applies voltage on DPOUT(1)
0010
= Applies voltage on DMOUT(2)
0011
= Applies voltage on DPOUT and DMOUT
0100
= Connects resistor from DPOUT to GND(1)
0101
= Do not use
0110
= Connects voltage divider from VBUS to GND with ‘center’ at DPOUT(1)
0111
= Connects resistor from DMOUT to GND(2)
1000
= Do not use
1001
= Connects voltage divider from VBUS to GND with ‘center’ at DMOUT(2)
1010
= Connects
 200resistor from DPOUT to DMOUT
1011
= Do not use
1100
= Connects voltage divider from VBUS to GND with ‘center’ at DPOUT and DMOUT
1101
= Connects resistor from DPOUT to GND and DMOUT to GND
1110
= If CS_STIM1<2:0> = 000, the 15 k
pull-down resistors applied to DPOUT and DMOUT during emu-
lation Reset are not removed. If CS_STIM1<2:0> = 111, the 15 k
pull-down resistors applied to
DPOUT and DMOUT during emulation Reset are removed. For all other CS_STIM1<2:0> settings,
whatever was applied is not changed.
1111
= Same as ‘1110’ definition above
REGISTER 10-37: CUSTOM EMULATION STIMULUS 1 CONFIGURATION 2 REGISTER
(ADDRESS 42h) (CONTINUED)
Note 1:
If STIM1<2:0> = 000b and no other response was applied to the DPOUT pin, the 15 k pull-down resistor
applied to the DPOUT pin during emulation Reset is not removed. Otherwise, the previous response is left
on the DPOUT pin (if applicable) or the 15 k pull-down resistor is removed.
2:
If STIM1<2:0> = 000b and no other response was applied to the DMOUT pin, the 15 k pull-down resistor
applied to the DMOUT pin during emulation Reset is not removed. Otherwise, the previous response is left
on the DMOUT pin (if applicable) or the 15 k pull-down resistor is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com