Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 32Page - Cypress Semiconductor MB91F465KB Datasheet HTML 33Page - Cypress Semiconductor MB91F465KB Datasheet HTML 34Page - Cypress Semiconductor MB91F465KB Datasheet HTML 35Page - Cypress Semiconductor MB91F465KB Datasheet HTML 36Page - Cypress Semiconductor MB91F465KB Datasheet HTML 37Page - Cypress Semiconductor MB91F465KB Datasheet HTML 38Page - Cypress Semiconductor MB91F465KB Datasheet HTML 39Page - Cypress Semiconductor MB91F465KB Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 36 of 86
86
12. I/O Map
12.1
MB91F465Kx
Note: Initial values of register bits are represented as follows:
“ 1 ”: Initial value “ 1 ”
“ 0 ”: Initial value “ 0 ”
“ X ”: Initial value “ undefined ”
“ - ”: No physical register at this location
Access is barred with an undefined data access attribute.
Address
Register
Block
 0
 1
 2
 3
000000H
PDR0 [R/W]
XXXXXXXX
PDR1 [R/W]
XXXXXXXX
PDR2 [R/W]
XXXXXXXX
PDR3 [R/W]
XXXXXXXX
T-unit
port data register
Read/write attribute
Register initial value after reset
Register name (column 1 register at address 4n, column 2 register at
address 4n + 1...)
Leftmost register address (for word access, the register in column 1 becomes
the MSB side of the data.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com