Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 6Page - Cypress Semiconductor MB91F465KB Datasheet HTML 7Page - Cypress Semiconductor MB91F465KB Datasheet HTML 8Page - Cypress Semiconductor MB91F465KB Datasheet HTML 9Page - Cypress Semiconductor MB91F465KB Datasheet HTML 10Page - Cypress Semiconductor MB91F465KB Datasheet HTML 11Page - Cypress Semiconductor MB91F465KB Datasheet HTML 12Page - Cypress Semiconductor MB91F465KB Datasheet HTML 13Page - Cypress Semiconductor MB91F465KB Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 10 of 86
86
3.2
Power Supply/Ground Pins
Pin no.
Pin name
Description
17, 31, 46, 61, 77, 90, 114, 120
VSS5
Ground pins
1, 18, 30, 60, 76, 91
VDD5
Power supply pins
15
VDD5R
Power supply pin for internal regulator
38
AVSS5
Analog ground pin for A/D converter
36
AVCC5
Power supply pin for A/D converter
37
AVRH5
Reference power supply pin for A/D converter
16
VCC18C
Capacitor connection pin for internal regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com