Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 25Page - Cypress Semiconductor MB91F465KB Datasheet HTML 26Page - Cypress Semiconductor MB91F465KB Datasheet HTML 27Page - Cypress Semiconductor MB91F465KB Datasheet HTML 28Page - Cypress Semiconductor MB91F465KB Datasheet HTML 29Page - Cypress Semiconductor MB91F465KB Datasheet HTML 30Page - Cypress Semiconductor MB91F465KB Datasheet HTML 31Page - Cypress Semiconductor MB91F465KB Datasheet HTML 32Page - Cypress Semiconductor MB91F465KB Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 29 of 86
86
9.3.2
Flash Access Timing Settings in CPU mode
The following tables list all settings for a given maximum Core Frequency (through the setting of CLKB or maximum clock modulation)
for Flash read and write access.
9.3.2.1 Flash Read Timing Settings (Synchronous Read)
9.3.2.2 Flash Write Timing Settings (Synchronous Write)
9.3.3
Address Mapping from CPU to Parallel Programming Mode
The following tables show the calculation from CPU addresses to flash macro addresses which are used in parallel
programming.
9.3.3.1 Address Mapping MB91F465Kx
Note: FA result is without 10:0000h offset for parallel Flash programming . Set offset by keeping FA[20] = 1 as described in section
“Parallel Flash programming mode
”.
Core clock (CLKB)
ATD
ALEH
EQ
WEXH
WTC
Remark
to 24 MHz
0
0
0
-
1
to 48 MHz
0
0
1
-
2
to 80 MHz
1
1
3
-
4
to 100 MHz
1
1
3
-
4
not available on MB91F465Kx
Core clock (CLKB)
ATD
ALEH
EQ
WEXH
WTC
Remark
to 32 MHz
1
-
-
0
4
to 48 MHz
1
-
-
0
5
to 64 MHz
1
-
-
0
6
to 80 MHz
1
-
-
0
7
to 100 MHz
1
-
-
0
7
not available on MB91F465Kx
CPU Address
(addr)
Condition
Flash
sectors
FA (flash address) Calculation
14:8000h to 14:FFFFh
addr[2]==0
SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2
- (addr/2)%4 + addr%4 - 0D:0000h
14:8000h to 14:FFFFh
addr[2]==1
SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2
- (addr/2)%4 + addr%4 - 0D:0000h
+ 00:2000h
08:0000h to 0F:FFFFh
addr[2]==0
SA12, SA14, SA16, SA18
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2
- (addr/2)%4 + addr%4 + 00:0000h
08:0000h to 0F:FFFFh
addr[2]==1
SA13, SA15, SA17, SA19
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2
- (addr/2)%4 + addr%4 - 00:0000h
+ 01:0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com