Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 61 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 61 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 57Page - Cypress Semiconductor MB91F465KB Datasheet HTML 58Page - Cypress Semiconductor MB91F465KB Datasheet HTML 59Page - Cypress Semiconductor MB91F465KB Datasheet HTML 60Page - Cypress Semiconductor MB91F465KB Datasheet HTML 61Page - Cypress Semiconductor MB91F465KB Datasheet HTML 62Page - Cypress Semiconductor MB91F465KB Datasheet HTML 63Page - Cypress Semiconductor MB91F465KB Datasheet HTML 64Page - Cypress Semiconductor MB91F465KB Datasheet HTML 65Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 61 of 86
86
14.2
Clock Modulator Settings
The following table shows all possible settings for the Clock Modulator in a base clock frequency range from 32MHz up to 48MHz.
Base clock frequencies above 48 MHz are not allowed on MB91F465Kx.
The Flash access time settings need to be adjusted according to Fmax while the PLL and clockgear settings should be set according
to base clock frequency
.
Table 6: Clock Modulator settings, frequency range and supported supply voltage
Modulation Degree
(k)
Random No
(N)
CMPR
[hex]
Baseclk
[MHz]
Fmin
[MHz]
Fmax
[MHz]
Remarks
1
3
026F
48
44.2
52.5
1
5
02AE
48
41.8
56.4
1
7
02ED
48
39.6
60.9
1
9
032C
48
37.7
66.1
1
11
036B
48
35.9
72.3
1
13
03AA
48
34.3
79.9
1
15
03E9
48
32.8
89.1
[1]
2
3
046E
48
41.8
56.4
2
5
04AC
48
37.7
66.1
2
7
04EA
48
34.3
79.9
3
3
066D
48
39.6
60.9
3
5
06AA
48
34.3
79.9
4
3
086C
48
37.7
66.1
5
3
0A6B
48
35.9
72.3
6
3
0C6A
48
34.3
79.9
7
3
0E69
48
32.8
89.1
[1]
1
3
026F
44
40.6
48.1
1
5
02AE
44
38.4
51.6
1
7
02ED
44
36.4
55.7
1
9
032C
44
34.6
60.4
1
11
036B
44
33
66.1
1
13
03AA
44
31.5
73
1
15
03E9
44
30.1
81.4
[1]
2
3
046E
44
38.4
51.6
2
5
04AC
44
34.6
60.4
2
7
04EA
44
31.5
73
2
9
0528
44
28.9
92.1
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com