Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB91F465KB Datasheet HTML 1Page - Cypress Semiconductor MB91F465KB Datasheet HTML 2Page - Cypress Semiconductor MB91F465KB Datasheet HTML 3Page - Cypress Semiconductor MB91F465KB Datasheet HTML 4Page - Cypress Semiconductor MB91F465KB Datasheet HTML 5Page - Cypress Semiconductor MB91F465KB Datasheet HTML 6Page - Cypress Semiconductor MB91F465KB Datasheet HTML 7Page - Cypress Semiconductor MB91F465KB Datasheet HTML 8Page - Cypress Semiconductor MB91F465KB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 4 of 86
86
1. Product Lineup
Feature
MB91V460A
(Evaluation device)
MB91F465KA
MB91F465KB
Max. core frequency (CLKB)
80MHz
80MHz
Max. resource frequency (CLKP)
40MHz
40MHz
Max. external bus freq. (CLKT)
40MHz
40MHz
Max. CAN frequency (CLKCAN)
20MHz
40MHz
Technology
0.35
m
0.18
m
Watchdog timer
yes
yes
Watchdog timer (RC osc. based)
yes (disengageable)
yes
Bit Search
yes
yes
Reset input (INITX)
yes
yes
Hardware Standby input (HSTX)
yes
-
Clock Modulator
yes
yes
Low Power Mode
yes
yes
DMA
5 ch
5 ch
MMU/MPU
MPU (16 ch) [1]
MPU (2 ch) [1]
Flash memory
Emulation SRAM 32bit read data
544 KByte
Satellite Flash memory
n.a.
-
Flash Protection
n.a.
yes
D-RAM
64 KByte
8 KByte
ID-RAM
64 KByte
8 KByte
Flash-cache (F-cache)
16 KByte
4 KByte
Boot-ROM / BI-ROM
4 KByte fixed
4 KByte
RTC
1 ch
1 ch
Free Running Timer
8 ch
8 ch
ICU
8 ch
8 ch
OCU
8 ch
8 ch
Reload Timer
8 ch
8 ch
PPG 16-bit
16 ch
12 ch
PFM 16-bit
1 ch
-
Sound Generator
1 ch
-
Up/Down Counter (8/16-bit)
4 ch (8-bit) / 2 ch (16-bit)
-
C_CAN
6 ch (128msg)
1 ch (32msg)
LIN-USART
4 ch + 4 ch FIFO + 8 ch
4 ch + 1 ch FIFO
I2C (400k)
4 ch
1 ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com