Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 18Page - Cypress Semiconductor MB91F465KB Datasheet HTML 19Page - Cypress Semiconductor MB91F465KB Datasheet HTML 20Page - Cypress Semiconductor MB91F465KB Datasheet HTML 21Page - Cypress Semiconductor MB91F465KB Datasheet HTML 22Page - Cypress Semiconductor MB91F465KB Datasheet HTML 23Page - Cypress Semiconductor MB91F465KB Datasheet HTML 24Page - Cypress Semiconductor MB91F465KB Datasheet HTML 25Page - Cypress Semiconductor MB91F465KB Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 22 of 86
86
8. CPU and Control Unit
The FR family CPU is a high performance core that is designed based on the RISC architecture with advanced instructions for
embedded applications.
8.1
Features
■ Adoption of RISC architecture
Basic instruction: 1 instruction per cycle
■ General-purpose registers: 32-bit × 16 registers
■ 4 Gbytes linear memory space
■ Multiplier installed
32-bit × 32-bit multiplication: 5 cycles
16-bit × 16-bit multiplication: 3 cycles
■ Enhanced interrupt processing function
Quick response speed (6 cycles)
Multiple-interrupt support
Level mask function (16 levels)
■ Enhanced instructions for I/O operation
Memory-to-memory transfer instruction
Bit processing instruction
Basic instruction word length: 16 bits
■ Low-power consumption
Sleep mode/stop mode
8.2
Internal Architecture
■ The FR family CPU uses the Harvard architecture in which the instruction bus and data bus are independent of each other.
■ A 32-bit  16-bit buffer is connected to the 32-bit bus (D-bus) to provide an interface between the CPU and peripheral
resources.
■ A Harvard  Princeton bus converter is connected to both the I-bus and D-bus to provide an interface between the CPU and
the bus controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com