Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 46Page - Cypress Semiconductor MB91F465KB Datasheet HTML 47Page - Cypress Semiconductor MB91F465KB Datasheet HTML 48Page - Cypress Semiconductor MB91F465KB Datasheet HTML 49Page - Cypress Semiconductor MB91F465KB Datasheet HTML 50Page - Cypress Semiconductor MB91F465KB Datasheet HTML 51Page - Cypress Semiconductor MB91F465KB Datasheet HTML 52Page - Cypress Semiconductor MB91F465KB Datasheet HTML 53Page - Cypress Semiconductor MB91F465KB Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 50 of 86
86
(Continued)
(Continued)
Address
Register
Block
 0
 1
 2
 3
007014H
to
007FFCH
Reserved
Reserved
008000H
to
00BFFCH
MB91F465Kx Boot-ROM size is 4 Kbytes : 00B000H to 00BFFCH
(instruction access is 1 wait cycle, data access is 1 wait cycle)
Boot ROM area
00C000H
to
00C3FCH
Reserved
Reserved
00C400H
CTRLR4 [R/W]
00000000 00000001
STATR4 [R/W]
00000000 00000000
CAN 4 Control Register
00C404H
ERRCNT4 [R]
00000000 00000000
BTR4 [R/W]
00100011 00000001
00C408H
INTR4 [R]
00000000 00000000
TESTR4 [R/W]
00000000 X0000000
00C40CH
BRPE4 [R/W]
00000000 00000000
Reserved
00C410H
IF1CREQ4 [R/W]
00000000 00000001
IF1CMSK4 [R/W]
00000000 00000000
CAN 4 IF 1 Register
00C414H
IF1MSK24 [R/W]
11111111 11111111
IF1MSK14 [R/W]
11111111 11111111
00C418H
IF1ARB24 [R/W]
00000000 00000000
IF1ARB14 [R/W]
00000000 00000000
00C41CH
IF1MCTR4 [R/W]
00000000 00000000
Reserved
00C420H
IF1DTA14 [R/W]
00000000 00000000
IF1DTA24 [R/W]
00000000 00000000
00C424H
IF1DTB14 [R/W]
00000000 00000000
IF1DTB24 [R/W]
00000000 00000000
00C428H
to
00C42CH
Reserved
00C430H
IF1DTA24 [R/W]
00000000 00000000
IF1DTA14 [R/W]
00000000 00000000
00C434H
IF1DTB24 [R/W]
00000000 00000000
IF1DTB14 [R/W]
00000000 00000000
00C438H,
00C43CH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com