Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 4Page - Cypress Semiconductor MB91F465KB Datasheet HTML 5Page - Cypress Semiconductor MB91F465KB Datasheet HTML 6Page - Cypress Semiconductor MB91F465KB Datasheet HTML 7Page - Cypress Semiconductor MB91F465KB Datasheet HTML 8Page - Cypress Semiconductor MB91F465KB Datasheet HTML 9Page - Cypress Semiconductor MB91F465KB Datasheet HTML 10Page - Cypress Semiconductor MB91F465KB Datasheet HTML 11Page - Cypress Semiconductor MB91F465KB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 8 of 86
86
58, 59
P17_0, P17_1
I/O
A
General-purpose input/output ports
PPG0, PPG1
PPG timer output pins
62
INITX
I
H
External reset input pin
63
P16_7
I/O
A
General-purpose input/output port
ATGX
A/D converter external trigger input pin
64
P16_6
I/O
A
General-purpose input/output port
65 to 67
P17_2 to P17_4
I/O
A
General-purpose input/output ports
PPG2 to PPG4
PPG timer output pins
68
P21_0
I/O
A
General-purpose input/output port
SIN0
Data input pin for USART0
69
P21_1
I/O
A
General-purpose input/output port
SOT0
Data output pin for USART0
70
P21_2
I/O
A
General-purpose input/output port
SCK0
Clock input/output pin for USART0
CK0
External clock input pin for free-run timer 0
71
P21_3
I/O
A
General-purpose input/output port
72
P21_4
I/O
A
General-purpose input/output port
SIN1
Data input pin for USART1
73
P21_5
I/O
A
General-purpose input/output port
SOT1
Data output pin for USART1
74
P21_6
I/O
A
General-purpose input/output port
SCK1
Clock input/output pin for USART1
CK1
External clock input pin for free-run timer 1
75
P21_7
I/O
A
General-purpose input/output port
78 to 80
P17_5 to P17_7
I/O
A
General-purpose input/output ports
PPG5 to PPG7
PPG timer output pins
81, 82
P16_2, P16_3
I/O
A
General-purpose input/output ports
PPG10, PPG11
PPG timer output pins
83 to 86
P15_0 to P15_3
I/O
A
General-purpose input/output ports
OCU0 to OCU3
Output compare output pins
TOT0 to TOT3
Reload timer output pins
87
P22_0
I/O
A
General-purpose input/output port
RX4
RX input pin for CAN4
INT12
External interrupt input pin
88
P22_1
I/O
A
General-purpose input/output port
TX4
TX output pin for CAN4
89,
92 to 98
P24_0 to P24_7
I/O
A
General-purpose input/output ports
INT0 to INT7
External interrupt input pins
99, 100
P16_4, P16_5
I/O
A
General-purpose input/output ports
Pin no.
Pin name
I/O
I/O
circuit
type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com