Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 5Page - Cypress Semiconductor MB91F465KB Datasheet HTML 6Page - Cypress Semiconductor MB91F465KB Datasheet HTML 7Page - Cypress Semiconductor MB91F465KB Datasheet HTML 8Page - Cypress Semiconductor MB91F465KB Datasheet HTML 9Page - Cypress Semiconductor MB91F465KB Datasheet HTML 10Page - Cypress Semiconductor MB91F465KB Datasheet HTML 11Page - Cypress Semiconductor MB91F465KB Datasheet HTML 12Page - Cypress Semiconductor MB91F465KB Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 9 of 86
86
101
P20_0
I/O
A
General-purpose input/output port
SIN2
Data input pin for USART2
102
P20_1
I/O
A
General-purpose input/output port
SOT2
Data output pin for USART2
103
P20_2
I/O
A
General-purpose input/output port
SCK2
Clock input/output pin for USART2
CK2
External clock input pin for free-run timer 2
104
P20_3
I/O
A
General-purpose input/output port
105
P20_4
I/O
A
General-purpose input/output port
SIN3
Data input pin for USART3
106
P20_5
I/O
A
General-purpose input/output port
SOT3
Data output pin for USART3
107
P20_6
I/O
A
General-purpose input/output port
SCK3
Clock input/output pin for USART3
CK3
External clock input pin for free-run timer 3
108
P20_7
I/O
A
General-purpose input/output port
109, 110
P16_0, P16_1
I/O
A
General-purpose input/output ports
PPG8, PPG9
PPG timer output pins
111
MD_0
I
G
Mode setting pin
112
X0A
-
J2
Sub clock (oscillation) input
113
X1A
-
J2
Sub clock (oscillation) output
115
X1
-
J1
Clock (oscillation) output
116
X0
-
J1
Clock (oscillation) input
117
MD_1
I
G
Mode setting pins
118
MD_2
I
G
119
MONCLK
O
M
Clock monitor pin
1. For information about the I/O circuit type, refer to “I/O Circuit Types”.
Pin no.
Pin name
I/O
I/O
circuit
type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com