Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 41Page - Cypress Semiconductor MB91F465KB Datasheet HTML 42Page - Cypress Semiconductor MB91F465KB Datasheet HTML 43Page - Cypress Semiconductor MB91F465KB Datasheet HTML 44Page - Cypress Semiconductor MB91F465KB Datasheet HTML 45Page - Cypress Semiconductor MB91F465KB Datasheet HTML 46Page - Cypress Semiconductor MB91F465KB Datasheet HTML 47Page - Cypress Semiconductor MB91F465KB Datasheet HTML 48Page - Cypress Semiconductor MB91F465KB Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 45 of 86
86
(Continued)
Address
Register
Block
 0
 1
 2
 3
00048CH
PLLDIVM [R/W]
- - - 00000
PLLDIVN [R/W]
- - 000000
PLLDIVG [R/W]
- - - - 0000
PLLMULG [W]
00000000
PLL Interface
000490H
PLLCTRL [R/W]
- - - - 0000
Reserved
000494H
OSCC1 [R/W]
- - - - - 010
OSCS1 [R/W]
00001111
OSCC2 [R/W]
- - - - - 010
OSCS2 [R/W]
00001111
Main/Sub Oscillator Control
000498H
PORTEN [R/W]
- - - - - - 00
Reserved
Port Input Enable Control
0004A0H
Reserved
WTCER [R/W]
- - - - - - 00
WTCR [R/W]
00000000 000 - 00 - 0
Real Time Clock (Watch Timer)
0004A4H
Reserved
WTBR [R/W]
- - - XXXXX XXXXXXXX XXXXXXXX
0004A8H
WTHR [R/W]
- - - 00000
WTMR [R/W]
- - 000000
WTSR [R/W]
- - 000000
Reserved
0004ACH
CSVTR [R/W]
- - - 00010
CSVCR [R/W]
00011100
CSCFG [R/W]
0X000000
Reserved
Clock Supervisor / Selector
0004B0H
CUCR [R/W]
- - - - - - - - - - - 0 - - 00
CUTD [R/W]
10000000 00000000
Calibration of Sub Clock
0004B4H
CUTR1 [R]
- - - - - - - - 00000000
CUTR2 [R]
00000000 00000000
0004B8H
CMPR [R/W]
- - 000010 11111101
Reserved
CMCR [R/W]
- 001 - - 00
Clock Modulator
0004BCH
CMT1 [R/W]
00000000 1 - - - 0000
CMT2 [R/W]
- - 000000 - - 000000
0004C0H
CANPRE [R/W]
0 - - - 0000
CANCKD [R/W]
- - - 0 - - - -
Reserved
CAN Clock Control
0004C4H
LVSEL [R/W]
00000111
LVDET [R/W]
0000 0 - 00
HWWDE [R/W]
- - - - - - 00
HWWD [R/W, W]
00011000
Low Voltage Detection /
Hardware Watchdog
0004C8H
OSCRH [R/W]
000 - - 001
OSCRL [R/W]
- - - - - 000
WPCRH [R/W]
00 - - - 000
WPCRL [R/W]
- - - - - - 00
Main/Sub Oscillation
Stabilisation Timer
0004CCH
OSCCR [R/W]
- - - - - - - 0
Reserved
REGSEL [R/W]
- - 000110
REGCTR [R/W]
- - - 0 - - 00
Main Oscillation Standby Control
/ Main/Sub Regulator Control
0004D0H
to
000D08H
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com