Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 77Page - Cypress Semiconductor MB91F465KB Datasheet HTML 78Page - Cypress Semiconductor MB91F465KB Datasheet HTML 79Page - Cypress Semiconductor MB91F465KB Datasheet HTML 80Page - Cypress Semiconductor MB91F465KB Datasheet HTML 81Page - Cypress Semiconductor MB91F465KB Datasheet HTML 82Page - Cypress Semiconductor MB91F465KB Datasheet HTML 83Page - Cypress Semiconductor MB91F465KB Datasheet HTML 84Page - Cypress Semiconductor MB91F465KB Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 81 of 86
86
15.6.5 Free-Run Timer Clock
(VDD5  3.0 V to 5.5 V, VSS5  AVSS5  0 V, TA  40°C to  105°C)
Note: tCLKP is the cycle time of the peripheral clock.
15.6.6 Trigger Input Timing
(VDD5 3.0 V to 5.5 V, VSS5 AVSS5 0 V, TA 40°C to  105°C)
Note: tCLKP is the cycle time of the peripheral clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Input pulse width
tTIWH
tTIWL
CKn
-
4tCLKP
-
ns
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Input capture input trigger
tINP
ICUn
-
5tCLKP
-
ns
A/D converter trigger
tATGX
ATGX
-
5tCLKP
-
ns
tTIWH
tTIWL
CKn
ICUn,
ATGX
tATGX, tINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com