Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 66Page - Cypress Semiconductor MB91F465KB Datasheet HTML 67Page - Cypress Semiconductor MB91F465KB Datasheet HTML 68Page - Cypress Semiconductor MB91F465KB Datasheet HTML 69Page - Cypress Semiconductor MB91F465KB Datasheet HTML 70Page - Cypress Semiconductor MB91F465KB Datasheet HTML 71Page - Cypress Semiconductor MB91F465KB Datasheet HTML 72Page - Cypress Semiconductor MB91F465KB Datasheet HTML 73Page - Cypress Semiconductor MB91F465KB Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 70 of 86
86
(VDD5 AVCC5 3.0 V to 5.5 V, VSS5 AVSS5 0 V, TA 40°C to  105°C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Pull-up
resistance
RUP
Pnn_m [1]
INITX
1. Pnn_m includes all GPIO pins. The pull up resistors must be enabled by PPER/PPCR setting and the pins must be in input direction.
3.0V VDD 3.6V
40
100
160
k
4.5V VDD 5.5V
25
50
100
Pull-down
resistance
RDOWN
Pnn_m[2]
2. Pnn_m includes all GPIO pins. The pull down resistors must be enabled by PPER/PPCR setting and the pins must be in input direction.
3.0V VDD 3.6V
40
100
180
k
4.5V VDD 5.5V
25
50
100
Input
capacitance
CIN
All except VDD5,
VDD5R, VSS5,
AVCC5, AVSS5,
AVRH5
f
 1 MHz
-
5
15
pF
Power supply
current
MB91F-465Kx
ICC
VDD5R
CLKB:
80 MHz
CLKP:
40 MHz
CLKT:
40 MHz
CLKCAN: 40 MHz
-
80
90
mA
Code fetch from Flash
ICCH
VDD5R
TA   25°C
-
30
150
A
At stop mode [3]
3. Main regulator OFF, sub regulator set to 1.2V, Low voltage detection disabled.
TA   105°C
-
400
2000
A
TA   25°C
-
100
500
A
RTC : 4 MHz mode [3]
TA   105°C
-
500
2400
A
TA   25°C
-
50
250
A
RTC :
100 kHz mode [3]
32 kHz mode [4 ]
4.
Main regulator OFF, sub regulator set to 1.2V, Low voltage detection disabled, RC oscillator enabled. Additional current consumption of
Sub oscillator IOSC has to be taken into account
TA   105°C
-
450
2200
A
ILVE
VDD5
--
70
150
A
External low voltage
detection
ILVI
VDD5R
--
50
100
A
Internal low voltage
detection
IOSC
VDD5
--
250
500
A
Main clock (4 MHz)
--
20
40
A
Sub clock (32 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com