Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 63Page - Cypress Semiconductor MB91F465KB Datasheet HTML 64Page - Cypress Semiconductor MB91F465KB Datasheet HTML 65Page - Cypress Semiconductor MB91F465KB Datasheet HTML 66Page - Cypress Semiconductor MB91F465KB Datasheet HTML 67Page - Cypress Semiconductor MB91F465KB Datasheet HTML 68Page - Cypress Semiconductor MB91F465KB Datasheet HTML 69Page - Cypress Semiconductor MB91F465KB Datasheet HTML 70Page - Cypress Semiconductor MB91F465KB Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 67 of 86
86
15.2
Recommended Operating Conditions
(VSS5 AVSS5 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these
ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VDD53.0
-
5.5
V
VDD5R
3.0
-
5.5
V
Internal regulator
AVCC53.0
-
5.5
V
A/D converter
Smoothing capacitor at
VCC18C pin
CS
-
4.7
-
F
Use a X7R ceramic capacitor or a capac-
itor that has similar frequency
characteristics.
Power supply slew rate
--
50
V/ms
Operating temperature
TA
 40
-
 105
°C
Main Oscillation
stabilisation time
10
ms
Lock-up time PLL
(4 MHz ->16 ...100MHz)
0.6
ms
ESD Protection
(Human body model)
Vsurge
2kV
Rdischarge = 1.5k
Cdischarge = 100pF
RC Oscillator
fRC100kHz
50
100
200
kHz
VDDCORE ≥ 1.65V
fRC2MHz
12
4
MHz
CS
AVSS5
VSS5
VCC18C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com