Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 68Page - Cypress Semiconductor MB91F465KB Datasheet HTML 69Page - Cypress Semiconductor MB91F465KB Datasheet HTML 70Page - Cypress Semiconductor MB91F465KB Datasheet HTML 71Page - Cypress Semiconductor MB91F465KB Datasheet HTML 72Page - Cypress Semiconductor MB91F465KB Datasheet HTML 73Page - Cypress Semiconductor MB91F465KB Datasheet HTML 74Page - Cypress Semiconductor MB91F465KB Datasheet HTML 75Page - Cypress Semiconductor MB91F465KB Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 72 of 86
86
Sampling Time Calculation
Tsamp = ( 2.6 kOhm + REXT) 11pF 7; for 4.5V  AVCC5  5.5V
Tsamp = (12.1 kOhm + REXT) 11pF 7; for 3.0V  AVCC5  4.5V
Conversion Time Calculation
Tconv = Tsamp + Tcomp
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Reference voltage range
AVRH
AVRH5
0.75
AVCC5
-
AVCC5V
AVRL
AVSS5AVSS5
-
AVCC5 0.25
V
Power supply current
IA
AVCC5
-
2.5
5
mA
A/D Converter
active
IAH
AVCC5
--
5
A
A/D Converter not
operated [1]
1. Supply current at AVCC5, if the A/D converter is not operating, (VDD5 = AVCC5 = AVRH = 5.0 V)
Reference voltage current
IR
AVRH5
-
0.7
1
mA
A/D Converter
active
IRH
AVRH5
--
5
A
A/D Converter not
operated [2]
2. Input current at AVRH5, if A/D converter is not operating, (VDD5 = AVCC5 = AVRH = 5.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com