Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 62Page - Cypress Semiconductor MB91F465KB Datasheet HTML 63Page - Cypress Semiconductor MB91F465KB Datasheet HTML 64Page - Cypress Semiconductor MB91F465KB Datasheet HTML 65Page - Cypress Semiconductor MB91F465KB Datasheet HTML 66Page - Cypress Semiconductor MB91F465KB Datasheet HTML 67Page - Cypress Semiconductor MB91F465KB Datasheet HTML 68Page - Cypress Semiconductor MB91F465KB Datasheet HTML 69Page - Cypress Semiconductor MB91F465KB Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 66 of 86
86
■ The value of the limiting resistor should be set so that the current input to the microcontroller pin does not exceed the rated value at any time , either
instantaneously or for an extended period
, when the B signal is input
■ Note that when the microcontroller drive current is low, such as in the low power consumption modes, the B input potential can increase the potential
at the power supply pin via a protective diode, possibly affecting other devices.
■ Note that if the B signal is input when the microcontroller is off (not fixed at 0 V), power is supplied through the +B input pin; therefore, the
microcontroller may partially operate.
■ Note that if the B signal is input at power-on, since the power is supplied through the pin, the power-on reset may not function in the power supply
voltage.
■ Do not leave B input pins open.
■ Example of recommended circuit :
4. Maximum output current is defined as the value of the peak current flowing through any one of the corresponding pins
5. Average output current is defined as the value of the average current flowing through any one of the corresponding pins for a 100 ms period.
6. Total average output current is defined as the value of the average current flowing through all of the corresponding pins for a 100 ms period.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
Input/output equivalent circuit
B input (0 V to 16 V)
Limiting
resistor
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com