Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 3Page - Cypress Semiconductor MB91F465KB Datasheet HTML 4Page - Cypress Semiconductor MB91F465KB Datasheet HTML 5Page - Cypress Semiconductor MB91F465KB Datasheet HTML 6Page - Cypress Semiconductor MB91F465KB Datasheet HTML 7Page - Cypress Semiconductor MB91F465KB Datasheet HTML 8Page - Cypress Semiconductor MB91F465KB Datasheet HTML 9Page - Cypress Semiconductor MB91F465KB Datasheet HTML 10Page - Cypress Semiconductor MB91F465KB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 7 of 86
86
3. Pin Description
3.1
MB91F465Kx
Pin no.
Pin name
I/O
I/O
circuit
type[1]
Description
2 to 9
P14_0 to P14_7
I/O
A
General-purpose input/output ports
ICU0 to ICU7
Input capture input pins
TIN0 to TIN7
External trigger input pins for reload timer
TTG0/8 to
TTG3/11,
TTG4 to TTG7
External trigger input pins for PPG timer
10 to 13
P15_4 to P15_7
I/O
A
General-purpose input/output ports
OCU4 to OCU7
Output compare output pins
TOT4 to TOT7
Reload timer output pins
14
P19_6
I/O
A
General-purpose input/output port
CK5
External clock input pin for free-run timer 5
19, 20
P26_0, P26_1
I/O
B
General-purpose input/output ports
AN24, AN25
Analog input pins for A/D converter
21 to 28
P27_0 to P27_7
I/O
B
General-purpose input/output ports
AN16 to AN23
Analog input pins for A/D converter
29,
32 to 35
P28_0 to P28_4
I/O
B
General-purpose input/output ports
AN8 to AN12
Analog input pins for A/D converter
39 to 46
P29_0 to P29_7
I/O
B
General-purpose input/output ports
AN0 to AN7
Analog input pins for A/D converter
47, 49, 50
P28_5 to P28_7
I/O
B
General-purpose input/output ports
AN13 to AN15
Analog input pins for A/D converter
51
P22_4
I/O
C
General-purpose input/output port
SDA0
I2C bus data input/output pin
INT14
External interrupt input pin
52
P22_5
I/O
C
General-purpose input/output port
SCL0
I2C bus CLK input/output pin
53
P19_0
I/O
A
General-purpose input/output port
SIN4
Data input pin for USART4
54
P19_1
I/O
A
General-purpose input/output port
SOT4
Data output pin for USART4
55
P19_2
I/O
A
General-purpose input/output port
SCK4
Clock input/output pin for USART4
CK4
External clock input pin for free-run timer 4
56, 57
P18_2, P18_6
I/O
A
General-purpose input/output port
CK6, CK7
External clock input pin for free-run timers 6,7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com