Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 72Page - Cypress Semiconductor MB91F465KB Datasheet HTML 73Page - Cypress Semiconductor MB91F465KB Datasheet HTML 74Page - Cypress Semiconductor MB91F465KB Datasheet HTML 75Page - Cypress Semiconductor MB91F465KB Datasheet HTML 76Page - Cypress Semiconductor MB91F465KB Datasheet HTML 77Page - Cypress Semiconductor MB91F465KB Datasheet HTML 78Page - Cypress Semiconductor MB91F465KB Datasheet HTML 79Page - Cypress Semiconductor MB91F465KB Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 76 of 86
86
15.6
AC Characteristics
15.6.1 Clock timing
(VDD5 3.0 V to 5.5 V, Vss5 AVss5 0 V, TA 40°C to  105°C)
Figure 1. Clock timing condition
15.6.2 Reset Input Ratings
(VDD5 3.0 V to 5.5 V, VSS5 AVSS5 0 V, TA 40°C to  105°C)
Parameter
Symbol
Pin name
Value
Unit
Condition
Min
Typ
Max
Clock frequency
fC
X0
X1
3.5
4
16
MHz
Opposite phase external
supply or crystal
X0A
X1A
32
32.768
100
kHz
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
INITX input time(at power-on)
tINTL
INITX
-
10
-
ms
INITX input time(other than the above)
20
-
s
0.8 VCC
0.2 VCC
PWH
PWL
tC
X0,
X1,
X0A,
X1A
0.2 VCC
tINTL
INITX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com