Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 42Page - Cypress Semiconductor MB91F465KB Datasheet HTML 43Page - Cypress Semiconductor MB91F465KB Datasheet HTML 44Page - Cypress Semiconductor MB91F465KB Datasheet HTML 45Page - Cypress Semiconductor MB91F465KB Datasheet HTML 46Page - Cypress Semiconductor MB91F465KB Datasheet HTML 47Page - Cypress Semiconductor MB91F465KB Datasheet HTML 48Page - Cypress Semiconductor MB91F465KB Datasheet HTML 49Page - Cypress Semiconductor MB91F465KB Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 46 of 86
86
(Continued)
Address
Register
Block
 0
 1
 2
 3
000D0CH
Reserved
PDRD14 [R]
XXXXXXXX
PDRD15 [R]
XXXXXXXX
R-bus Port Data Direct Read
Register
000D10H
PDRD16 [R]
XXXXXXXX
PDRD17 [R]
XXXXXXXX
PDRD18 [R]
- X - - - X -
PDRD19 [R]
- X - - - XXX
000D14H
PDRD20 [R]
XXXX XXXX
PDRD21 [R]
XXXX XXXX
PDRD22 [R]
- - XX - - XX
Reserved
000D18H
PDRD24 [R]
XXXXXXXX
Reserved
PDRD26 [R]
- - - - - - XX
PDRD27 [R]
XXXXXXXX
000D1CH
PDRD28 [R]
XXXXXXXX
PDRD29 [R]
XXXXXXXX
Reserved
000D20H
to
000D48H
Reserved
Reserved
000D4CH
Reserved
DDR14 [R/W]
00000000
DDR15 [R/W]
00000000
R-bus Port Direction Register
000D50H
DDR16 [R/W]
00000000
DDR17 [R/W]
00000000
DDR18 [R/W]
- 0 - - - 0 -
DDR19 [R/W]
- 0 - - - 000
000D54H
DDR20 [R/W]
0000 0000
DDR21 [R/W]
0000 0000
DDR22 [R/W]
- - 00 - - 00
Reserved
000D58H
DDR24 [R/W]
00000000
Reserved
DDR26 [R/W]
- - - - - - 00
DDR27 [R/W]
00000000
000D5CH
DDR28 [R/W]
00000000
DDR29 [R/W]
00000000
Reserved
000D60H
to
000D88H
Reserved
Reserved
000D8CH
Reserved
PFR14 [R/W]
00000000
PFR15 [R/W]
00000000
R-bus Port Function Register
000D90H
PFR16 [R/W]
0 - - - 0000
PFR17 [R/W]
00000000
PFR18 [R/W]
- 0 - - - 0 -
PFR19 [R/W]
- 0 - - - 000
000D94H
PFR20 [R/W]
- 000 - 000
PFR21 [R/W]
- 000 - 000
PFR22 [R/W]
- - 00 - - 00
Reserved
000D98H
PFR24 [R/W]
00000000
Reserved
PFR26 [R/W]
- - - - - - 00
PFR27 [R/W]
00000000
000D9CH
PFR28 [R/W]
00000000
PFR29 [R/W]
00000000
Reserved
000DA0H
to
000DC8H
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com