Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 61Page - Cypress Semiconductor MB91F465KB Datasheet HTML 62Page - Cypress Semiconductor MB91F465KB Datasheet HTML 63Page - Cypress Semiconductor MB91F465KB Datasheet HTML 64Page - Cypress Semiconductor MB91F465KB Datasheet HTML 65Page - Cypress Semiconductor MB91F465KB Datasheet HTML 66Page - Cypress Semiconductor MB91F465KB Datasheet HTML 67Page - Cypress Semiconductor MB91F465KB Datasheet HTML 68Page - Cypress Semiconductor MB91F465KB Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 65 of 86
86
15. Electrical Characteristics
15.1
Absolute maximum ratings
■ Use within recommended operating conditions.
■ Use with DC voltage (current).
■ B signals are input signals that exceed the VDD5 voltage. B signals should always be applied by connecting a limiting resistor between the B
signal and the microcontroller.
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply slew rate
--
50
V/ms
Power supply voltage 1[1]
VDD5R
 0.3
 6.0
V
Power supply voltage 2[1]
VDD5
 0.3
 6.0
V
Relationship of the supply voltages
AVCC5
VDD5-0.3
VDD5+0.3
V
At least one pin of the Ports 25
to 29 (ANn) is used as digital
input or output
VSS5-0.3
VDD5+0.3
V
All pins of the Ports 25 to 29
(ANn) follow the condition of VIA
Analog power supply voltage[1]
1. The parameter is based on VSS5  AVSS5  0.0 V.
AVCC5
 0.3
 6.0
V
[2]
2. AVCC5 and AVRH5 must not exceed VDD5  0.3 V
Analog reference
power supply voltage[1]
AVRH5
 0.3
 6.0
V
[2]
Input voltage 1[1]
VI1
Vss5
 0.3
VDD5  0.3
V
Analog pin input voltage[1]
VIA
AVss5
 0.3
AVcc5
 0.3
V
Output voltage 1[1]
VO1
Vss5
 0.3
VDD5  0.3
V
Maximum clamp current
ICLAMP
 4.0
 4.0
mA
[3]
3.
Total maximum clamp current
ICLAMP
-
20
mA
[3]
“L” level maximum
output current[4]
IOL
-
10
mA
“L” level average
output current[5]
IOLAV
-
8mA
“L” level total maximum
output current
IOL
-
100
mA
“L” level total average
output current[6]
IOLAV
-
50
mA
“H” level maximum
output current[4]
IOH
-
 10
mA
“H” level average
output current[5]
IOHAV
-
 4mA
“H” level total maximum
output current
IOH
-
 100
mA
“H” level total average output
current[6]
IOHAV
-
 25
mA
Power consumption
PD
-
500
mW
at TA = 105°C
Operating temperature
TA
 40
 105
°C
Storage temperature
Tstg
 55
 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com