Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 52Page - Cypress Semiconductor MB91F465KB Datasheet HTML 53Page - Cypress Semiconductor MB91F465KB Datasheet HTML 54Page - Cypress Semiconductor MB91F465KB Datasheet HTML 55Page - Cypress Semiconductor MB91F465KB Datasheet HTML 56Page - Cypress Semiconductor MB91F465KB Datasheet HTML 57Page - Cypress Semiconductor MB91F465KB Datasheet HTML 58Page - Cypress Semiconductor MB91F465KB Datasheet HTML 59Page - Cypress Semiconductor MB91F465KB Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 56 of 86
86
Interrupt
Interrupt
number
Interrupt level [1]
Interrupt vector [2]
DMA
Resource
number
Deci-
mal
Hexa-de
cimal
Setting
Register
Register
address
Offset
Default Vector
address
Reload Timer 0
32
20
ICR08
448H
37CH
000FFF7CH
4, 32
Reload Timer 1
33
21
378H
000FFF78H
5, 33
Reload Timer 2
34
22
ICR09
449H
374H
000FFF74H
34
Reload Timer 3
35
23
370H
000FFF70H
35
Reload Timer 4
36
24
ICR10
44AH
36CH
000FFF6CH
36
Reload Timer 5
37
25
368H
000FFF68H
37
Reload Timer 6
38
26
ICR11
44BH
364H
000FFF64H
38
Reload Timer 7
39
27
360H
000FFF60H
39
Free Run Timer 0
40
28
ICR12
44CH
35CH
000FFF5CH
40
Free Run Timer 1
41
29
358H
000FFF58H
41
Free Run Timer 2
42
2A
ICR13
44DH
354H
000FFF54H
42
Free Run Timer 3
43
2B
350H
000FFF50H
43
Free Run Timer 4
44
2C
ICR14
44EH
34CH
000FFF4CH
44
Free Run Timer 5
45
2D
348H
000FFF48H
45
Free Run Timer 6
46
2E
ICR15
44FH
344H
000FFF44H
46
Free Run Timer 7
47
2F
340H
000FFF40H
47
Reserved
48
30
ICR16
450H
33CH
000FFF3CH
-
Reserved
49
31
338H
000FFF38H
-
Reserved
50
32
ICR17
451H
334H
000FFF34H
-
Reserved
51
33
330H
000FFF30H
-
CAN 4
52
34
ICR18
452H
32CH
000FFF2CH
-
Reserved
53
35
328H
000FFF28H
-
LIN-USART 0 RX
54
36
ICR19
453H
324H
000FFF24H
6, 48
LIN-USART 0 TX
55
37
320H
000FFF20H
7, 49
LIN-USART 1 RX
56
38
ICR20
454H
31CH
000FFF1CH
8, 50
LIN-USART 1 TX
57
39
318H
000FFF18H
9, 51
LIN-USART 2 RX
58
3A
ICR21
455H
314H
000FFF14H
52
LIN-USART 2 TX
59
3B
310H
000FFF10H
53
LIN-USART 3 RX
60
3C
ICR22
456H
30CH
000FFF0CH
54
LIN-USART 3 TX
61
3D
308H
000FFF08H
55
System reserved
62
3E
ICR23 [3]
457H
304H
000FFF04H
-
Delayed Interrupt
63
3F
300H
000FFF00H
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com