Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 75 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 75 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 71Page - Cypress Semiconductor MB91F465KB Datasheet HTML 72Page - Cypress Semiconductor MB91F465KB Datasheet HTML 73Page - Cypress Semiconductor MB91F465KB Datasheet HTML 74Page - Cypress Semiconductor MB91F465KB Datasheet HTML 75Page - Cypress Semiconductor MB91F465KB Datasheet HTML 76Page - Cypress Semiconductor MB91F465KB Datasheet HTML 77Page - Cypress Semiconductor MB91F465KB Datasheet HTML 78Page - Cypress Semiconductor MB91F465KB Datasheet HTML 79Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 75 of 86
86
15.5
Flash Memory Program/erase Characteristics
15.5.1 MB91F465Kx
(TA = 25oC, Vcc = 5.0V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.9
3.6
s
Erasure programming time not included
Chip erase time
-
n*0.9
n*3.6
s
n is the number of Flash sector of the device
Word (16-bit width) program-
ming time
-
23
370
s
System overhead time not included
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
[1]
1. This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation to convert
high temperature measurements into normalized value at 85oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com