Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 53Page - Cypress Semiconductor MB91F465KB Datasheet HTML 54Page - Cypress Semiconductor MB91F465KB Datasheet HTML 55Page - Cypress Semiconductor MB91F465KB Datasheet HTML 56Page - Cypress Semiconductor MB91F465KB Datasheet HTML 57Page - Cypress Semiconductor MB91F465KB Datasheet HTML 58Page - Cypress Semiconductor MB91F465KB Datasheet HTML 59Page - Cypress Semiconductor MB91F465KB Datasheet HTML 60Page - Cypress Semiconductor MB91F465KB Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 57 of 86
86
Interrupt
Interrupt
number
Interrupt level [1]
Interrupt vector [2]
DMA
Resource
number
Deci-
mal
Hexa-de
cimal
Setting
Register
Register
address
Offset
Default Vector
address
System reserved [4]
64
40
(ICR24)
(458H)
2FCH
000FFEFCH
-
System reserved [4]
65
41
2F8H
000FFEF8H
-
LIN-USART (FIFO) 4 RX
66
42
ICR25
459H
2F4H
000FFEF4H
10, 56
LIN-USART (FIFO) 4 TX
67
43
2F0H
000FFEF0H
11, 57
Reserved
68
44
ICR26
45AH
2ECH
000FFEECH
12, 58
Reserved
69
45
2E8H
000FFEE8H
13, 59
Reserved
70
46
ICR27
45BH
2E4H
000FFEE4H
60
Reserved
71
47
2E0H
000FFEE0H
61
Reserved
72
48
ICR28
45CH
2DCH
000FFEDCH
62
Reserved
73
49
2D8H
000FFED8H
63
I2C 0
74
4A
ICR29
45DH
2D4H
000FFED4H
-
Reserved
75
4B
2D0H
000FFED0H
-
Reserved
76
4C
ICR30
45EH
2CCH
000FFECCH
64
Reserved
77
4D
2C8H
000FFEC8H
65
Reserved
78
4E
ICR31
45FH
2C4H
000FFEC4H
66
Reserved
79
4F
2C0H
000FFEC0H
67
Reserved
80
50
ICR32
460H
2BCH
000FFEBCH
68
Reserved
81
51
2B8H
000FFEB8H
69
Reserved
82
52
ICR33
461H
2B4H
000FFEB4H
70
Reserved
83
53
2B0H
000FFEB0H
71
Reserved
84
54
ICR34
462H
2ACH
000FFEACH
72
Reserved
85
55
2A8H
000FFEA8H
73
Reserved
86
56
ICR35
463H
2A4H
000FFEA4H
74
Reserved
87
57
2A0H
000FFEA0H
75
Reserved
88
58
ICR36
464H
29CH
000FFE9CH
76
Reserved
89
59
298H
000FFE98H
77
Reserved
90
5A
ICR37
465H
294H
000FFE94H
78
Reserved
91
5B
290H
000FFE90H
79
Input Capture 0
92
5C
ICR38
466H
28CH
000FFE8CH
80
Input Capture 1
93
5D
288H
000FFE88H
81
Input Capture 2
94
5E
ICR39
467H
284H
000FFE84H
82
Input Capture 3
95
5F
280H
000FFE80H
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com