Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 27Page - Cypress Semiconductor MB91F465KB Datasheet HTML 28Page - Cypress Semiconductor MB91F465KB Datasheet HTML 29Page - Cypress Semiconductor MB91F465KB Datasheet HTML 30Page - Cypress Semiconductor MB91F465KB Datasheet HTML 31Page - Cypress Semiconductor MB91F465KB Datasheet HTML 32Page - Cypress Semiconductor MB91F465KB Datasheet HTML 33Page - Cypress Semiconductor MB91F465KB Datasheet HTML 34Page - Cypress Semiconductor MB91F465KB Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 31 of 86
86
9.4.2
Pin connections in parallel programming mode
Resetting after setting the MD[2:0] pins to [111] will halt CPU functioning. At this time, the Flash memory’s interface circuit enables
direct control of the Flash memory unit from external pins by directly linking some of the signals to General Purpose Ports. Please
see table below for signal mapping.
In this mode, the Flash memory appears to the external pins as a stand-alone unit. This mode is generally set when writing/erasing
using the parallel Flash programmer. In this mode, all operations of the 8.5 Mbits Flash memory’s Auto Algorithms are available.
Table 1. Correspondence between MBM29LV400TC and Flash Memory Control Signals
MBM29LV400TC
External pins
FR-CPU mode
MB91F465Kx external pins
Comment
Flash memory
mode
Normal function
Pin number
-
INITX
-
INITX
62
RESET
-
FRSTX
P16_7
63
--
MD_2
MD_2
118
Set to ‘1’
--
MD_1
MD_1
117
Set to ‘1’
--
MD_0
MD_0
111
Set to ‘1’
RY/BY
FMCS:RDY bit
RY/BYX
P24_0
89
BYTE
Internally fixed to ’H’
BYTEX
P24_2
93
WE
Internal control signal +
control via interface circuit
WEX
P28_3
34
OE
OEX
P28_2
33
CE
CEX
P28_1
32
-
ATDIN
P22_1
88
Set to ‘0’
-
EQIN
P22_0
87
Set to ‘0’
-
TESTX
P24_3
94
Set to ‘1’
-
RDYI
P24_1
92
Set to ‘0’
A-1
Internal address bus
FA0
P19_2
55
Set to ‘0’
A0 to A7
FA1 to FA8
P27_0 to P27_7
21 to 28
A8 to A15
FA9 to FA16
P15_0 to P15_3, P15_4,
P15_5 P21_0, P21_1
83 to 86, 10,
11, 68, 69
A16 to A18
FA17 to FA19
P21_2, P21_4, P21_5
70, 72, 73
-
FA20,FA21
P21_6, P28_0
74, 29
Set to ‘1’
DQ0 to DQ7
Internal data bus
DQ0 to DQ7
P17_0 to P17_7
58, 59, 65, 66,
67, 78, 79, 80
DQ8 to DQ15
DQ8 to DQ15
P14_0 to P14_7
2 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com