Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 26Page - Cypress Semiconductor MB91F465KB Datasheet HTML 27Page - Cypress Semiconductor MB91F465KB Datasheet HTML 28Page - Cypress Semiconductor MB91F465KB Datasheet HTML 29Page - Cypress Semiconductor MB91F465KB Datasheet HTML 30Page - Cypress Semiconductor MB91F465KB Datasheet HTML 31Page - Cypress Semiconductor MB91F465KB Datasheet HTML 32Page - Cypress Semiconductor MB91F465KB Datasheet HTML 33Page - Cypress Semiconductor MB91F465KB Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 30 of 86
86
9.4
Parallel Flash Programming Mode
9.4.1
Flash configuration in parallel Flash programming mode
Parallel Flash programming mode (MD[2:0] = 111):
MB91F465Kx
SA0 (8KB)
FA[1:0]=00
FA[1:0]=10
SA2 (8KB)
SA1 (8KB)
0017:9FFFh
0017:8000h
SA4 (8KB)
SA3 (8KB)
0017:DFFFh
0017:C000h
0017:BFFFh
0017:A000h
SA6 (8KB)
SA5 (8KB)
0017:FFFFh
0017:E000h
SA8 (64KB)
SA7 (8KB)
SA10 (64KB)
SA9 (64KB)
0018:FFFFh
0018:0000h
SA12 (64KB)
SA11 (64KB)
001A:FFFFh
001A:0000h
0019:FFFFh
0019:0000h
SA14 (64KB)
SA13 (64KB)
001C:FFFFh
001C:0000h
001B:FFFFh
001B:0000h
SA16 (64KB)
SA15 (64KB)
001E:FFFFh
001E:0000h
001D:FFFFh
001D:0000h
SA17 (64KB)
001F:FFFFh
001F:0000h
SA19 (64KB)
SA18 (64KB)
DQ[15:0]
DQ[15:0]
Remark: Always keep FA[0] = 0 and FA[20] = 1
16bit write mode
Legend
Memory available in this area
Memory not available in this area
FA[20:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com