Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 51Page - Cypress Semiconductor MB91F465KB Datasheet HTML 52Page - Cypress Semiconductor MB91F465KB Datasheet HTML 53Page - Cypress Semiconductor MB91F465KB Datasheet HTML 54Page - Cypress Semiconductor MB91F465KB Datasheet HTML 55Page - Cypress Semiconductor MB91F465KB Datasheet HTML 56Page - Cypress Semiconductor MB91F465KB Datasheet HTML 57Page - Cypress Semiconductor MB91F465KB Datasheet HTML 58Page - Cypress Semiconductor MB91F465KB Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 55 of 86
86
13. Interrupt Vector Table
Interrupt
Interrupt
number
Interrupt level [1]
Interrupt vector [2]
DMA
Resource
number
Deci-
mal
Hexa-de
cimal
Setting
Register
Register
address
Offset
Default Vector
address
Reset
0
00
-
-
3FCH
000FFFFCH
-
Mode vector
1
01
-
-
3F8H
000FFFF8H
-
System reserved
2
02
-
-
3F4H
000FFFF4H
-
System reserved
3
03
-
-
3F0H
000FFFF0H
-
System reserved
4
04
-
-
3ECH
000FFFECH
-
CPU supervisor mode
(INT #5 instruction) [5]
5
05
-
-
3E8H
000FFFE8H
-
Memory Protection exception [5]
6
06
-
-
3E4H
000FFFE4H
-
System reserved
7
07
-
-
3E0H
000FFFE0H
-
System reserved
8
08
-
-
3DCH
000FFFDCH
-
System reserved
9
09
-
-
3D8H
000FFFD8H
-
System reserved
10
0A
-
-
3D4H
000FFFD4H
-
System reserved
11
0B
-
-
3D0H
000FFFD0H
-
System reserved
12
0C
-
-
3CCH
000FFFCCH
-
System reserved
13
0D
-
-
3C8H
000FFFC8H
-
Undefined instruction exception
14
0E
-
-
3C4H
000FFFC4H
-
NMI request
15
0F
FH fixed
3C0H
000FFFC0H
-
External Interrupt 0
16
10
ICR00
440H
3BCH
000FFFBCH
0, 16
External Interrupt 1
17
11
3B8H
000FFFB8H
1, 17
External Interrupt 2
18
12
ICR01
441H
3B4H
000FFFB4H
2, 18
External Interrupt 3
19
13
3B0H
000FFFB0H
3, 19
External Interrupt 4
20
14
ICR02
442H
3ACH
000FFFACH
20
External Interrupt 5
21
15
3A8H
000FFFA8H
21
External Interrupt 6
22
16
ICR03
443H
3A4H
000FFFA4H
22
External Interrupt 7
23
17
3A0H
000FFFA0H
23
Reserved
24
18
ICR04
444H
39CH
000FFF9CH
-
Reserved
25
19
398H
000FFF98H
-
Reserved
26
1A
ICR05
445H
394H
000FFF94H
-
Reserved
27
1B
390H
000FFF90H
-
External Interrupt 12
28
1C
ICR06
446H
38CH
000FFF8CH
-
Reserved
29
1D
388H
000FFF88H
-
External Interrupt 14
30
1E
ICR07
447H
384H
000FFF84H
-
Reserved
31
1F
380H
000FFF80H
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com