Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 67Page - Cypress Semiconductor MB91F465KB Datasheet HTML 68Page - Cypress Semiconductor MB91F465KB Datasheet HTML 69Page - Cypress Semiconductor MB91F465KB Datasheet HTML 70Page - Cypress Semiconductor MB91F465KB Datasheet HTML 71Page - Cypress Semiconductor MB91F465KB Datasheet HTML 72Page - Cypress Semiconductor MB91F465KB Datasheet HTML 73Page - Cypress Semiconductor MB91F465KB Datasheet HTML 74Page - Cypress Semiconductor MB91F465KB Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 71 of 86
86
15.4
A/D Converter Characteristics
(VDD5 AVCC5 3.0 V to 5.5 V, VSS5 AVSS5 0 V, TA 40°C to  105°C)
Note: The accuracy gets worse as AVRH - AVRL becomes smaller
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
--
-
-
10
bit
Total error
--
 3
-
 3LSB
Nonlinearity error
--
 2.5
-
 2.5
LSB
Differential nonlinearity error
--
 1.9
-
 1.9
LSB
Zero reading voltage
VOT
ANn
AVRL
1.5 LSB
AVRL
0.5 LSB
AVRL
2.5 LSB
V
Full scale reading voltage
VFST
ANn
AVRH
3.5 LSB
AVRH
1.5 LSB
AVRH
0.5 LSB
V
Compare time
Tcomp
-
0.6
-
16,500
s
4.5 V
 AVCC5  5.5 V
2.0
--
s
3.0 V
 AVCC5  4.5 V
Sampling time
Tsamp
-
0.4
--
s
4.5 V
 AVCC5  5.5 V,
REXT < 2 k
1.0
--
s
3.0 V
 AVCC5  4.5 V,
REXT < 1 k
Conversion time
Tconv
-
1.0
--
s
4.5 V
 AVCC5  5.5 V
3.0
--
s
3.0 V
 AVCC5  4.5 V
Input capacitance
CIN
ANn
--
11
pF
Input resistance
RIN
ANn
--
2.6
k
4.5 V
 AVCC5  5.5 V
--
12.1
k
3.0 V
 AVCC5  4.5 V
Analog input leakage
current
IAIN
ANn
 1
-
 1
ATA   25°C
 3
-
 3
ATA   105°C
Analog input voltage range
VAIN
ANn
AVRL
-
AVRH
V
Offset between input channels
-
ANn
--
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com