Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KB Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # MB91F465KB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KB Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button MB91F465KB Datasheet HTML 78Page - Cypress Semiconductor MB91F465KB Datasheet HTML 79Page - Cypress Semiconductor MB91F465KB Datasheet HTML 80Page - Cypress Semiconductor MB91F465KB Datasheet HTML 81Page - Cypress Semiconductor MB91F465KB Datasheet HTML 82Page - Cypress Semiconductor MB91F465KB Datasheet HTML 83Page - Cypress Semiconductor MB91F465KB Datasheet HTML 84Page - Cypress Semiconductor MB91F465KB Datasheet HTML 85Page - Cypress Semiconductor MB91F465KB Datasheet HTML 86Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 84 of 86
86
18. Main Changes in this Edition
Spansion Publication Number: DS07-16606-2E
NOTE: Please see “Document History” for later revised information.
Page
Section
Change Results
4
Product lineup
Technology in
m instead of um
4
Product lineup
Temteratur --> Temperature
6
Pin Assignment
Removed the quadratic index mark on upper left corner,Renamed
"FRCKn" into "CKn" (n=0 to 7)
10
Pin Description;
Power supply/Ground pins
Renamed "GND" into "ground"
18
Handling devices;
Power supply pins
Corrected "capacitator" into “capacitor”
21
Block diagram
Renamed "RTC" into "Real Time Clock”,General purpose IO ports:
Added "without resource"
23
Programming model
Renamed Program status register into "PS" (instead of RS)
28
Flash memory map MB91F465Kx
Changed unit "kB" into "KB"
38
I/O Map address 00010CH
Added address 00010CH (Reserved)
45
I/O Map address 0004C0H
Changed “CAN (Clock Control)” into “CAN Clock Control”
49
IO Map after address 7010H
Changed the start address of the Reserved area after 007010H to
007014H
53
I/O Map;
Flash memory and external bus area
Corrected table header (Added "+0 +1 +2 +3" )
60
Recommended Settings;
Clock Modulator settings
Removed all settings for Baseclk > 48 MHz
67
Recommended operating conditions
Corrected "Look-up time PLL" into "Lock-up time PLL"
69
DC Characteristics;
Output "L" voltage
Corrected condition IOH into IOL
70
DC Characteristics; Table foot note
Changed “PullUp/PullDown” into “Pull-Up/Pull-Down”
70
DC Characteristics; IccH
IccH (RTC mode) at 32kHz is similar to 100kHz, footnote added
71
A/D converter characteristics;
Zero reading voltage,
Full scale reading voltage
Corrected Values into “value +- n LSB “and Unit into “V” (Volt)
76
AC Characteristics;
Reset input ratings
INITX at power-on min. 10ms (according to the Main Oscillation Stabil-
isation Time)
5,76,78
Ambient temperature
Changed the symbol of ambient temperature from Ta into TA
76,78
AC Characteristics;
LIN AC Timings
I2C AC Timings
Corrected condition VOL into VOL, VOH into VOH
79
AC Characteristics; I2C AC Timings
Corrected EPILR,PILR condition into "CMOS Hysteresis VIL/VIH =..."
82
Package Dimension
Corrected the link to package web page,Updated package drawing
(latest formatting only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com