Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 28 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 24Page - Analog Devices AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices AD9142ABCPZRL Datasheet HTML 27Page - Analog Devices AD9142ABCPZRL Datasheet HTML 28Page - Analog Devices AD9142ABCPZRL Datasheet HTML 29Page - Analog Devices AD9142ABCPZRL Datasheet HTML 30Page - Analog Devices AD9142ABCPZRL Datasheet HTML 31Page - Analog Devices AD9142ABCPZRL Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Data Sheet
AD9142A
The autosample error detection (AED) mode is an autoclear
mode that has two effects: it activates the compare fail bit and
the compare pass bit (Register 0x60, Bit 1 and Bit 2). The
compare pass bit sets if the last comparison indicated that the
sample was error free. The compare fail bit sets if an error is
detected. The compare fail bit is automatically cleared by the
reception of eight consecutive error-free comparisons, when
autoclear mode is enabled.
The sample error flag can be configured to trigger an IRQ when
active, if needed. This is done by enabling the appropriate bit in
the event flag register (Register 4, Bit 6).
SED EXAMPLE
Normal Operation
The following example illustrates the AD9142A SED
configuration sequence for continuously monitoring the input
data and assertion of an IRQ when a single error is detected:
1. Write to the following registers to enable the SED and load
the comparison values with a 4-deep user pattern.
Comparison values can be chosen arbitrarily; however,
choosing values that require frequent bit toggling provides
the most robust test.
a. Register 0x61[7:0] → I0[7:0]
b. Register 0x62[7:0] → I0[15:8]
c. Register 0x63[7:0] → Q0[7:0]
d. Register 0x64[7:0] → Q0[15:8]
e. Register 0x65[7:0] → I1[7:0]
f.
Register 0x66[7:0] → I1[15:8]
g. Register 0x67[7:0] → Q1[7:0]
h. Register 0x68[7:0] → Q1[15:8]
2. Enable SED.
a. Register 0x60 → 0xD0
b. Register 0x60 → 0x90
3. Enable the SED error detect flag to assert the IRQx pin.
a. Register 0x04[6] = 1
4. Set up frame parity as the frame signal.
a. Register 0x09 = 0x12
5. Begin transmitting the input data pattern (frame signal) is
also required because the depth of the pattern is 4).
DELAY LINE INTERFACE MODE
The DLL is designed to help ease the interface timing require-
ments in very high speed data rate applications. The DLL has
a minimum supported interface speed of 250 MHz, as shown
in Table 2. For interface rates lower than this speed, use the
interface delay line. In this mode, the DLL is powered off and a
four-tap delay line is provided for the user to adjust the timing
between the data bus and the DCI. Table 16 specifies the setup
and hold times for each delay tap.
Table 16. Delay Line Setup and Hold Times (Guaranteed)
Delay Setting
0
1
2
3
Register 0x5E[7:0]
0x00
0x80
0xF0
0xFE
Register 0x5F[2:0]
0x60
0x67
0x67
0x67
tS (ns)1
−0.81
−0.97
−1.13
−1.28
tH (ns)
1.96
2.20
2.53
2.79
|tS + tH| (ns)
1.15
1.23
1.40
1.51
1
The negative sign indicates the direction of the setup time. The setup time is
defined as positive when it is on the left side of the clock edge and negative
when it is on the right side of the clock edge.
There is a fixed 1.38 ns delay on the DCI signal when the delay line
is enabled. Each tap adds a nominal delay of 200 ps to the fixed
delay. To achieve the best timing margin, that is, to center the
setup and hold window in the middle of the data eye, the user
may need to add a delay on the data bus with respect to the DCI
in the data source. Figure 38 is an example of calculating the
optimal external delay.
Register 0x0D, Bit 4 configures the DCI signal coupling settings
for optimal interface performance over the operating frequency
range. It is recommended that this bit be set to 1 (dc-coupled
DCI) in the delay line interface mode.
Figure 38. Example of Interfacing Timing in the Delay Line Interface Mode
DATA EYE
NO DATA TRANSITION
INPUT DATA [15:0]
WITH OPTIMIZED DELAY
DCI = 200MHz
tDELAY = 0.63ns
tDATA PERIOD = 2.5ns
|tS| = 1.25ns
|tH| = 2.51ns
Rev. A | Page 27 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com