Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 29 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices AD9142ABCPZRL Datasheet HTML 27Page - Analog Devices AD9142ABCPZRL Datasheet HTML 28Page - Analog Devices AD9142ABCPZRL Datasheet HTML 29Page - Analog Devices AD9142ABCPZRL Datasheet HTML 30Page - Analog Devices AD9142ABCPZRL Datasheet HTML 31Page - Analog Devices AD9142ABCPZRL Datasheet HTML 32Page - Analog Devices AD9142ABCPZRL Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
AD9142A
Data Sheet
Interface Timing Requirements
The following example shows how to calculate the optimal
delay at the data source to achieve the best sampling timing in
the delay line interface mode:
fDCI = 200 MHz
Delay setting = 0
The shadow area in Figure 38 is the interface setup and hold
time window set to 0. To optimize the interface timing, this
window must be placed in the middle of the data transitions.
Because the input is double data rate, the available data period
is 2.5 ns. Therefore, the optimal data bus delay, with respect to
the DCI at the data source, can be calculated as
ns
13
.
0
25
.
1
38
.
1
2
2
|)
|
|
(|
=
=
+
=
PERIOD
DATA
H
S
DELAY
t
t
t
t
SPI Sequence to Enable Delay Line Interface Mode
Use the following SPI sequence to enable the delay line interface
mode:
1.
0x5E → 0x00 /* Configure the delay
setting */
2.
0x5F → 0x60
3.
0x0D → 0x16 /* DC couple DCI */
4.
0x0A → 0x00 /* Turn off DLL and duty
cycle correction */
Rev. A | Page 28 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com