Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 42 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 38Page - Analog Devices AD9142ABCPZRL Datasheet HTML 39Page - Analog Devices AD9142ABCPZRL Datasheet HTML 40Page - Analog Devices AD9142ABCPZRL Datasheet HTML 41Page - Analog Devices AD9142ABCPZRL Datasheet HTML 42Page - Analog Devices AD9142ABCPZRL Datasheet HTML 43Page - Analog Devices AD9142ABCPZRL Datasheet HTML 44Page - Analog Devices AD9142ABCPZRL Datasheet HTML 45Page - Analog Devices AD9142ABCPZRL Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Data Sheet
AD9142A
TEMPERATURE SENSOR
The AD9142A has a diode-based temperature sensor for
measuring the temperature of the die. The temperature reading
is accessed using Register 0x1D and Register 0x1E. The
temperature of the die can be calculated as
106
)
237
,
41
]
0
:
15
[
(
=
DieTemp
T
DIE
where TDIE is the die temperature in degrees Celsius.
The temperature accuracy is ±7°C typical over the +85°C to
−40°C range with one point temperature calibration against a
known temperature. A typical plot of the die temperature code
readback vs. die temperature is shown in Figure 52.
Figure 52. Die Temperature Code Readback vs. Die Temperature
Estimates of the ambient temperature can be made if the power
dissipation of the device is known. For example, if the device
power dissipation is 800 mW and the measured die temperature
is 50°C, then the ambient temperature can be calculated as
TA = TDIE – PD × θJA = 50 – 0.8 × 20.7 = 33.4°C
where:
TA is the ambient temperature in degrees Celsius.
TDIE is the die temperature in degrees Celsius.
PD is power consumption of the device.
θJA is the thermal resistance from junction to ambient of the
AD9142A as shown in Table 8.
To use the temperature sensor, it must be enabled by setting
Register 0x1C[0] to 1. In addition, to obtain accurate readings,
set the die temperature control register (Register 0x1C) to 0x03.
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
35000
37000
39000
41000
43000
45000
47000
49000
51000
Rev. A | Page 41 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com