Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 68 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 64Page - Analog Devices AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices AD9142ABCPZRL Datasheet HTML 66Page - Analog Devices AD9142ABCPZRL Datasheet HTML 67Page - Analog Devices AD9142ABCPZRL Datasheet HTML 68Page - Analog Devices AD9142ABCPZRL Datasheet HTML 69Page - Analog Devices AD9142ABCPZRL Datasheet HTML 70Page - Analog Devices AD9142ABCPZRL Datasheet HTML 71Page - Analog Devices AD9142ABCPZRL Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Data Sheet
AD9142A
DAC OUTPUT CONTROL REGISTER
Address: 0x44, Reset: 0x8D, Name: DAC_OUTPUT_CTRL
Table 88. Bit Descriptions for DAC_OUTPUT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_OUTPUT_CTRL_EN
Enables the DAC output control. This bit needs to be set to 1
to enable the remaining bits in this register.
0x1
RW
3
FIFO_WARNING_SHUTDOWN_EN
When this bit and Bit 7 are both high, if a FIFO warning occurs,
the DAC output shuts down automatically. By default, this
function is on.
0x1
RW
2
OVERTHRESHOLD_SHUTDOWN_EN
The DAC output is turned off when the input average power is
greater than the predefined threshold.
0x1
RW
0
FIFO_ERROR_SHUTDOWN_EN
The DAC output is turned off when the FIFO reports warnings.
0x1
RW
DLL CELL ENABLE 0 REGISTER
Address: 0x5E, Reset: 0xFF, Name: ENABLE_DLL_DELAY_CELL0
Table 89. Bit Descriptions for ENABLE_DLL_DELAY_CELL0
Bits
Bit Name
Description
Reset
Access
[7:0]
DELAY_CELL_ENABLE [7:0]
Set each bit to enable or disable the delay cell. Delay cell number
corresponds to bit number.
0xFF
RW
1 = enable delay cell (default).
0 = disable delay cell.
Different recommended values should be used in DLL mode and
delay line mode. See the Data Interface section.
DLL CELL ENABLE 1 REGISTER
Address: 0x5F, Reset: 0x67, Name: ENABLE_DLL_DELAY_CELL1
Table 90. Bit Descriptions for ENABLE_DLL_DELAY_CELL1
Bits
Bit Name
Description
Reset
Access
[7:3]
Reserved
Must write the default value for optimal performance.
0x0C
RW
[2:0]
DELAY_CELL_ENABLE [10:8]
Set each bit to enable or disable the delay cell. Delay cell numbers
are 10, 9, 8 corresponding to bits Bit, Bit 2, and Bit 0, respectively.
0x7
RW
1 = enable delay cell (default).
0 = disable delay cell.
SED CONTROL REGISTER
Address: 0x60, Reset: 0x00, Name: SED_CTRL
Table 91. Bit Descriptions for SED_CTRL
Bits
Bit Name
Description
Reset
Access
7
SED_ENABLE
Set to 1 to Enable the SED compare logic.
0
RW
6
SED_ERR_CLEAR
When set to 1, clears all SED reported error bits, Bit 2, Bit 1, and Bit
0.
0
RW
5
AED_ENABLE
When set to 1, enables the AED function (SED with auto clear after
eight passing sets).
0
RW
4
SED_DEPTH
0 = SED depth of two words, 1 = SED depth of four words.
0
RW
3
Reserved
Reserved.
0
R
2
AED_PASS
When AED = 1, it signals eight true compare cycles.
0
RW
1
AED_FAIL
When AED = 1, it signals a mismatch in comparison.
0
R
0
SED_FAIL
Signals that an SED mismatch in comparison occurred (with SED
or AED enabled).
0
R
Rev. A | Page 67 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com