Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 26 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 22Page - Analog Devices AD9142ABCPZRL Datasheet HTML 23Page - Analog Devices AD9142ABCPZRL Datasheet HTML 24Page - Analog Devices AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices AD9142ABCPZRL Datasheet HTML 27Page - Analog Devices AD9142ABCPZRL Datasheet HTML 28Page - Analog Devices AD9142ABCPZRL Datasheet HTML 29Page - Analog Devices AD9142ABCPZRL Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Data Sheet
AD9142A
Table 14. DLL Phase Setup and Hold Times (Typical)
Frequency,
fDCI1 (MHz)
Time
(ps)
Data Port Setup and Hold Times (ps) at DLL Phase
−6
−5
−4
−3
−2
−1
0
+1
+2
+3
+4
+5
+6
250
tS
−93
−196
−312
−416
−530
−658
−770
−878
−983
−1093
−1193
−1289
−1412
tH
468
579
707
825
947
1067
1188
1315
1442
1570
1697
1777
1876
275
tS
−87
−172
−264
−364
−464
−556
−653
−756
−859
−956
−1053
−1151
−1251
tH
451
537
646
757
878
977
1092
1218
1311
1423
1537
1653
1728
300
tS
−82
−166
−256
−341
−426
−515
−622
−715
−809
−900
−1001
−1097
−1184
tH
422
500
598
703
803
897
1000
1105
1203
1303
1411
1522
1612
325
tS
−46
−114
−190
−271
−358
−447
−538
−612
−706
−806
−891
−966
−1044
tH
405
483
563
647
740
832
914
1000
1100
1200
1292
1380
1476
350
tS
−23
−92
−180
−252
−328
−409
−491
−574
−654
−731
−819
−889
−959
tH
383
451
524
607
682
762
844
930
1011
1097
1186
1277
1358
375
tS
−7
−82
−150
−225
−315
−391
−461
−526
−595
−661
−726
−786
−853
tH
401
466
504
569
641
718
783
863
941
1025
1106
1187
1264
400
tS
−46
−98
−161
−243
−303
−384
−448
−513
−578
−643
−713
−771
−833
tH
385
445
503
546
604
674
748
826
890
965
1039
1110
1178
425
tS
4
−52
−110
−170
−229
−297
−394
−449
−517
−579
−641
−704
−752
tH
358
408
465
524
595
625
692
762
829
900
966
1032
1097
450
tS
11
−34
−92
−147
−209
−269
−324
−386
−446
−509
−564
−622
−672
tH
354
406
457
516
573
637
693
731
792
852
917
983
1042
475
tS
−15
−51
−95
−147
−198
−255
−313
−366
−425
−480
−530
−585
−640
tH
355
399
451
499
556
613
675
727
779
815
873
930
988
500
tS
9
−28
−77
−128
−183
−233
−288
−333
−390
−438
−495
−545
−594
tH
313
354
399
445
500
555
615
668
726
783
825
881
934
525
tS
−
7
−
52
−
100
−
147
−
187
−
237
−
285
−
335
−
387
−
436
−
483
−
530
−
581
tH
311
356
395
438
489
537
592
645
692
746
799
850
909
550
tS
−
5
−
39
−
74
−
107
−
147
−
192
−
249
−
302
−
352
−
397
−
440
−
486
−
529
tH
300
340
378
423
468
510
560
610
659
710
756
810
865
575
tS
8
−
28
−
66
−
102
−
143
−
181
−
245
−
280
−
336
−
366
−
406
−
443
−
488
tH
312
348
379
414
453
496
544
599
654
708
759
806
847
1
Table 14 shows characterization data for selected fDCI frequencies. Other frequencies are possible, and Table 14 can be used to estimate performance.
Table 14 shows the typical times for various DCI clock frequencies
that are required to calculate the data valid margin. The amount
of margin that is available for tuning of the DSC sampling point
can be determined using Table 14.
Maximizing the opening of the eye in both the DCI and data signals
improves the reliability of the data port interface. Differential
controlled impedance traces of equal length (that is, delay) should
be used between the host processor and the AD9142A input. To
ensure coincident transitions with the data bits, the DCI signal
should be implemented as an additional data line with an
alternating (010101…) bit sequence from the same output
drivers used for the data.
The DCI signal is ac-coupled by default; thus, removing the DCI
signal may cause DAC output chatter due to randomness on the
DCI input. To avoid this, it is recommended that the DAC output is
disabled whenever the DCI signal is not present. To do this,
program the DAC output current power down bit in Register 0x01,
Bit 7 and Bit 6 to 1. When the DCI signal is again present, the DAC
output can be enabled by setting Register 0x01, Bit 7 and Bit 6 to 0.
Register 0x0D optimizes the DLL stability over the operating
frequency range. Table 15 shows the recommended setting.
Table 15. DLL Configuration Options
DCI Speed
Register 0x0D
≥350 MHz
0x06
<350 MHz
0x86
The status of the DLL can be polled by reading the data status
register at Address 0x0E. Bit 0 indicates that the DLL is running
and attempting lock, and Bit 7 is set to when the DLL has
locked. Bit 2 is 1 when a valid data clock in is detected. The
warning bits in Register 0x0E[6:4] can be used as indicators that
the DAC may be operating in a non ideal location in the delay
line. Note that these bits are read at the SPI port speed, which is
much slower than the actual speed of the DLL. This means they
can only show a snapshot of what is happening as opposed to
giving real-time feedback.
Rev. A | Page 25 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com