Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 22 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 18Page - Analog Devices AD9142ABCPZRL Datasheet HTML 19Page - Analog Devices AD9142ABCPZRL Datasheet HTML 20Page - Analog Devices AD9142ABCPZRL Datasheet HTML 21Page - Analog Devices AD9142ABCPZRL Datasheet HTML 22Page - Analog Devices AD9142ABCPZRL Datasheet HTML 23Page - Analog Devices AD9142ABCPZRL Datasheet HTML 24Page - Analog Devices AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Data Sheet
AD9142A
SERIAL PORT OPERATION
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing to many industry standard micro-
controllers and microprocessors. The serial I/O is compatible
with most synchronous transfer formats, including both the
Motorola® SPI and Intel® SSR protocols. The interface allows
read/write access to all registers that configure the AD9142A.
MSB-first or LSB-first transfer formats are supported. The serial
port interface is a 3-wire only interface. The input and output
share a single pin input/output (SDIO).
Figure 28. Serial Port Interface Pins
There are two phases to a communication cycle with the AD9142A.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first 16 SCLK rising
edges. The instruction word provides the serial port controller
with information regarding the data transfer cycle, Phase 2, of
the communication cycle. The Phase 1 instruction word defines
whether the upcoming data transfer is a read or write, along with
the starting register address for the next data transfer in the
cycle.
A logic high on the CS pin, followed by a logic low, resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next 16 rising SCLK edges represent the
instruction bits of the current I/O operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one data byte. Registers change immediately upon
writing to the last bit of each transfer byte, except for the frequency
tuning word and NCO phase offsets, which change only when
the frequency tuning word (FTW) update bit is set.
DATA FORMAT
The instruction byte contains the information shown in Table 10.
Table 10. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W (Bit 15 of the instruction word) determines whether a read
or a write data transfer occurs after the instruction word write.
Logic 1 indicates a read operation and Logic 0 indicates a write
operation.
A14 to A0 (Bit 14 to Bit 0 of the instruction word) determine
the register that is accessed during the data transfer portion of
the communication cycle. For multibyte transfers, A14 is the
starting address; the device generates the remaining register
addresses based on the SPI_LSB_FIRST bit.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 40 MHz. All data input is registered on the rising edge
of SCLK. All data is driven out on the falling edge of SCLK.
Chip Select (CS)
CS is an active low input that starts and gates a communication
cycle. It allows more than one device to be used on the same serial
communications line. The SDIO pins enter a high impedance
state when the CS input is high. During the communication
cycle, CS should stay low.
Serial Data I/O (SDIO)
The SDIO pin is a bidirectional data line.
SERIAL PORT OPTIONS
The serial port can support both MSB-first and LSB-first data
formats. This functionality is controlled by the SPI_LSB_FIRST bit
(Register 0x00, Bit 6). The default is MSB first (LSB_FIRST = 0).
When SPI_LSB_FIRST = 0 (MSB first), the instruction and data
bits must be written from MSB to LSB. Multibyte data transfers
in MSB-first format start with an instruction word that includes the
register address of the most significant data byte. Subsequent data
bytes must follow from high address to low address. In MSB-first
mode, the serial port internal word address generator decrements
for each data byte of the multibyte communication cycle.
When SPI_LSB_FIRST = 1 (LSB first), the instruction and data
bits must be written from LSB to MSB. Multibyte data transfers
in LSB-first format start with an instruction word that includes the
register address of the least significant data byte. Subsequent data
bytes must follow from low address to high address. In LSB-first
mode, the serial port internal word address generator increments
for each data byte of the multibyte communication cycle.
If the MSB-first mode is active, the serial port controller data
address decrements from the data address written toward 0x00
for multibyte I/O operations. If the LSB-first mode is active, the
serial port controller data address increments from the data
address written toward 0xFF for multibyte I/O operations.
53
SCLK
54
CS
52
SDIO
SPI
PORT
Rev. A | Page 21 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com