Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 51 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 47Page - Analog Devices AD9142ABCPZRL Datasheet HTML 48Page - Analog Devices AD9142ABCPZRL Datasheet HTML 49Page - Analog Devices AD9142ABCPZRL Datasheet HTML 50Page - Analog Devices AD9142ABCPZRL Datasheet HTML 51Page - Analog Devices AD9142ABCPZRL Datasheet HTML 52Page - Analog Devices AD9142ABCPZRL Datasheet HTML 53Page - Analog Devices AD9142ABCPZRL Datasheet HTML 54Page - Analog Devices AD9142ABCPZRL Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
AD9142A
Data Sheet
Reg
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x23
FIFO_LEVEL_
CONFIG
[7:0] Reserved
INTEGER_FIFO_LEVEL_REQUEST
Reserved
FRACTIONAL_FIFO_LEVEL_REQUEST
0x40 RW
0x24
FIFO_LEVEL_
READBACK
[7:0] Reserved
INTEGER_FIFO_LEVEL_READBACK
Reserved
FRACTIONAL_FIFO_LEVEL_READBACK
0x00 R
0x25
FIFO_CTRL
[7:0]
Reserved
FIFO_SPI_
RESET_ACK
FIFO_SPI_
RESET_
REQUEST
0x00 RW
0x26
DATA_
FORMAT
[7:0] DATA_
FORMAT
DATA_
PAIRING
DATA_BUS_
INVERT
Reserved
DATA_BUS_
WIDTH
0x00 RW
0x27
DATAPATH_
CTRL
[7:0] INVSINC_
ENABLE
NCO_ENABLE IQ_GAIN_ADJ_
DCOFFSET_
ENABLE
IQ_PHASE_ADJ_
ENABLE
Reserved
FS4_
MODULATION_
ENABLE
NCO_
SIDEBAND_
SEL
SEND_IDATA
_TO_QDAC
0x00 RW
0x28
INTERPOLATION
_CTRL
[7:0]
Reserved
INTERPOLATION_MODE
0x00 RW
0x29
OVER_
THRESHOLD_
CTRL0
[7:0]
THRESHOLD_LEVEL_REQUEST_LSB
0x00 RW
0x2A
OVER_
THRESHOLD_
CTRL1
[7:0]
Reserved
THRESHOLD_LEVEL_REQUEST_MSB
0x00 RW
0x2B
OVER_
THRESHOLD_
CTRL2
[7:0] ENABLE_
PROTECTION
IQ_DATA_
SWAP
Reserved
SAMPLE_WINDOW_LENGTH
0x00 RW
0x2C
INPUT_
POWER_
READBACK_LSB
[7:0]
INPUT_POWER_READBACK_LSB
0x00 R
0x2D
INPUT_POWER_
READBACK_
MSB
[7:0]
Reserved
INPUT_POWER_READBACK_MSB
0x00 R
0x30
NCO_CTRL
[7:0] Reserved
NCO_FRAME_
UPDATE_ACK
SPI_NCO_
PHASE_RST_
ACK
SPI_NCO_
PHASE_
RST_REQ
Reserved
NCO_SPI_
UPDATE_ACK
NCO_SPI_
UPDATE_REQ
0x00 RW
0x31
NCO_FREQ_
TUNING_
WORD0
[7:0]
NCO_FTW0
0x00 RW
0x32
NCO_FREQ_
TUNING_
WORD1
[7:0]
NCO_FTW1
0x00 RW
0x33
NCO_FREQ_
TUNING_
WORD2
[7:0]
NCO_FTW2
0x00 RW
0x34
NCO_FREQ_
TUNING_
WORD3
[7:0]
NCO_FTW3
0x10 RW
0x35
NCO_PHASE_
OFFSET0
[7:0]
NCO_PHASE_OFFSET_LSB
0x00 RW
0x36
NCO_PHASE_
OFFSET1
[7:0]
NCO_PHASE_OFFSET_MSB
0x00 RW
0x37
IQ_PHASE_
ADJ0
[7:0]
IQ_PHASE_ADJ_LSB
0x00 RW
0x38
IQ_PHASE_
ADJ1
[7:0]
Reserved
IQ_PHASE_ADJ_MSB
0x00 RW
0x39
LVDS_IN_
PWR_DOWN_0
[7:0]
PWR_DOWN_DATA_INPUT_BITS
0x00 RW
0x3B
IDAC_DC_
OFFSET0
[7:0]
IDAC_DC_OFFSET_LSB
0x00 RW
0x3C
IDAC_DC_
OFFSET1
[7:0]
IDAC_DC_OFFSET_MSB
0x00 RW
0x3D
QDAC_DC_
OFFSET0
[7:0]
QDAC_DC_OFFSET_LSB
0x00 RW
0x3E
QDAC_DC_
OFFSET1
[7:0]
QDAC_DC_OFFSET_MSB
0x00 RW
0x3F
IDAC_GAIN_
ADJ
[7:0]
Reserved
IDAC_GAIN_ADJ
0x20 RW
0x40
QDAC_GAIN_
ADJ
[7:0]
Reserved
QDAC_GAIN_ADJ
0x20 RW
0x41
GAIN_STEP_
CTRL0
Reserved
RAMP_UP_STEP
0x01 RW
Rev. A | Page 50 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com