Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 70 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices AD9142ABCPZRL Datasheet HTML 66Page - Analog Devices AD9142ABCPZRL Datasheet HTML 67Page - Analog Devices AD9142ABCPZRL Datasheet HTML 68Page - Analog Devices AD9142ABCPZRL Datasheet HTML 69Page - Analog Devices AD9142ABCPZRL Datasheet HTML 70Page - Analog Devices AD9142ABCPZRL Datasheet HTML 71Page - Analog Devices AD9142ABCPZRL Datasheet HTML 72Page - Analog Devices AD9142ABCPZRL Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Data Sheet
AD9142A
Rev. A | Page 69 of 72
SED PATTERN Q1 HIGH BITS REGISTER
Address: 0x68, Reset: 0x00, Name: SED_PATT_H_Q1
Table 99. Bit Descriptions for SED_PATT_H_Q1
Bits
Bit Name
Description
Reset
Access
[2:0]
SED_PATTERN_FALL_Q1[15:8]
SED Q1 falling edge high bits.
0x00
RW
PARITY CONTROL REGISTER
Address: 0x6A, Reset: 0x00, Name: PARITY_CTRL
Table 100. Bit Descriptions for PARITY_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
PARITY_ENABLE
1
Enable parity.
0
RW
6
PARITY_EVEN
0
Odd parity.
0
RW
1
Even parity.
5
PARITY_ERR_CLEAR
Set to 1 to clear parity error counters.
0
RW
[4:2]
Reserved
Reserved.
0x0
R
1
PARERRFAL
When 1, signals a falling edge parity error was detected.
0
R
0
PARERRRISE
When 1, signals a rising edge parity error was detected.
0
R
PARITY ERROR RISING EDGE REGISTER
Address: 0x6B, Reset: 0x00, Name: PARITY_ERR_RISING
Table 101. Bit Descriptions for PARITY_ERR_RISING
Bits
Bit Name
Description
Reset
Access
[7:0]
Parity Rising Edge Error Count
Number of rising edge-based errors detected (S0 and S2). Clipped
to 256.
0x00
R
PARITY ERROR FALLING EDGE REGISTER
Address: 0x6C, Reset: 0x00, Name: PARITY_ERR_FALLING
Table 102. Bit Descriptions for PARITY_ERR_FALLING
Bits
Bit Name
Description
Reset
Access
[7:0]
Parity Falling Edge Error Count
Number of falling edge-based errors detected (S1 and S3).
Clipped to 256.
0x00
R
VERSION REGISTER
Address: 0x7F, Reset: 0x0B, Name: Version
Table 103. Bit Descriptions for Version
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
Version
Chip version.
0x0B
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com