Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 61 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 57Page - Analog Devices AD9142ABCPZRL Datasheet HTML 58Page - Analog Devices AD9142ABCPZRL Datasheet HTML 59Page - Analog Devices AD9142ABCPZRL Datasheet HTML 60Page - Analog Devices AD9142ABCPZRL Datasheet HTML 61Page - Analog Devices AD9142ABCPZRL Datasheet HTML 62Page - Analog Devices AD9142ABCPZRL Datasheet HTML 63Page - Analog Devices AD9142ABCPZRL Datasheet HTML 64Page - Analog Devices AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
AD9142A
Data Sheet
SYNC CONTROL REGISTER
Address: 0x21, Reset: 0x00, Name: SYNC_CTRL
Table 56. Bit Descriptions for SYNC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
1
SYNC_CLK_EDGE_SEL
Selects the sampling edge of the DACCLK on the sync clock.
0
RW
0
SYNC CLK is sampled by the falling edges of DACCLK.
1
SYNC CLK is sampled by the rising edges of DACCLK.
0
SYNC_ENABLE
Enables multichip synchronization.
0
RW
FRAME RESET CONTROL REGISTER
Address: 0x22, Reset: 0x12, Name: FRAME_RST_CTRL
Table 57. Bit Descriptions for FRAME_RST_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
3
ARM_FRAME
This bit is used to retrigger a frame reset in one shot mode (when Bit
2 is set to 0). Setting this bit to 1 requests the device to respond to
the next valid frame pulse.
0
RW
2
EN_CON_FRAME_RESET
Frame reset mode selection.
0
RW
0
Responds to the first valid frame pulse and resets the FIFO one time
only. This is the default and recommended mode.
1
Responds to every valid frame pulse and resets the FIFO
continuously.
[1:0]
FRAME_RESET_MODE
These bits determine what is to be reset when the device receives a
valid frame signal.
0x2
RW
00
FIFO only.
01
NCO only.
10
FIFO and NCO.
11
None.
FIFO LEVEL CONFIGURATION REGISTER
Address: 0x23, Reset: 0x40, Name: FIFO_LEVEL_CONFIG
Table 58. Bit Descriptions for FIFO_LEVEL_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
INTEGER_FIFO_LEVEL_REQUEST
These bits set the integer FIFO level. This is the difference
between the read pointer and the write pointer values in
the unit of input data rate (fDATA). The default and
recommended FIFO level is integer level = 4 and fractional
level = 0. See the FIFO Operation section for details.
0x4
RW
000
0.
001
1.
…
111
7.
[2:0]
FRACTIONAL_FIFO_LEVEL_REQUEST
Set the fractional FIFO level. This is the difference between
the read pointer and the write pointer values in the unit of
DACCLK rate (fDAC). The maximum allowed setting value =
interpolation rate − 1. See the FIFO Operation section for
details.
0x0
RW
000
0.
001
1.
Rev. A | Page 60 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com