Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 19 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 15Page - Analog Devices AD9142ABCPZRL Datasheet HTML 16Page - Analog Devices AD9142ABCPZRL Datasheet HTML 17Page - Analog Devices AD9142ABCPZRL Datasheet HTML 18Page - Analog Devices AD9142ABCPZRL Datasheet HTML 19Page - Analog Devices AD9142ABCPZRL Datasheet HTML 20Page - Analog Devices AD9142ABCPZRL Datasheet HTML 21Page - Analog Devices AD9142ABCPZRL Datasheet HTML 22Page - Analog Devices AD9142ABCPZRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
AD9142A
Data Sheet
Figure 21. Single Tone fDAC = 1474.56 MHz,
fOUT = 280 MHz, −14 dBFS
Figure 22. 4C WCDMA ACLR Performance,
IF = 280 MHz, fDAC = 1474.28 MHz
Figure 23. Single Tone SFDR fDAC = 1474.56 MHz,
4× Interpolation, fOUT = 10 MHz, −14 dBFS
Figure 24. Total Power Baseline Consumption vs. fDAC over Interpolation
Figure 25. DVDD18 Supply Current vs. fDAC over Interpolation
Figure 26. DVDD18 Supply Current vs. fDAC over Digital Functions
1600
1400
400
600
800
1000
1200
200
1600
1400
1200
1000
800
600
400
fDAC (MHz)
600
500
200
400
100
300
0
200
400
600
800
1000
1200
1400
1600
fDAC (MHz)
350
300
100
200
250
50
150
0
200
400
600
800
1000
1200
1400
1600
fDAC (MHz)
NCO
INVERSE SINC
DIGITAL GAIN AND PHASE
fS/4 MODULATION
Rev. A | Page 18 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com