Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 27 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 23Page - Analog Devices AD9142ABCPZRL Datasheet HTML 24Page - Analog Devices AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices AD9142ABCPZRL Datasheet HTML 27Page - Analog Devices AD9142ABCPZRL Datasheet HTML 28Page - Analog Devices AD9142ABCPZRL Datasheet HTML 29Page - Analog Devices AD9142ABCPZRL Datasheet HTML 30Page - Analog Devices AD9142ABCPZRL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
AD9142A
Data Sheet
DLL Configuration Example 1
In the following DLL configuration example, fDCI = 500 MHz,
DLL is enabled, and DLL phase offset = 0.
1.
0x5E → 0xFE /* Turn off LSB delay cell*/
2.
0x0D → 0x06 /* Select DLL configure
options */
3.
0x0A → 0xC0 /* Enable DLL and duty cycle
correction. Set DLL phase offset to 0 */
4.
Read 0x0E[7:4] /* Expect 1000b if the DLL
is locked */
DLL Configuration Example 2
In the following DLL configuration example, fDCI = 300 MHz,
DLL is enable, and DLL phase offset = 0.
1.
0x5E → 0xFE /* Turn off LSB delay cell*/
2.
0x0D → 0x86 /* Select DLL configure
options */
3.
0x0A → 0xC0 /* Enable DLL and duty cycle
correction. Set DLL phase offset to 0 */
4.
Read 0x0E[7:4] /* Expect 1000b if the DLL
is locked */
PARITY
The data interface can be continuously monitored by enabling
the parity bit feature in Register 0x6A, Bit 7 and configuring the
frame/parity bit as parity by setting Register 0x09 to 0x21. In
this case, the host sends a parity bit along with each data
sample. This bit is set according to the following formulas,
where n is the data sample that is being checked.
For even parity,
XOR[FRM(n), D0(n), D1(n), D2(n), ..., D15(n)] = 0
For odd parity,
XOR[FRM(n), D0(n), D1(n), D2(n), ..., D15(n)] = 1
The parity bit is calculated over 17 bits (including the
frame/parity bit).
If a parity error occurs, the parity error counter (Register 0x6B
or Register 0x6C) is incremented. Parity errors on the bits
sampled by the rising edge of DCI increments the rising edge
parity counter (Register 0x6B) and set the PARERRRIS bit
(Register 0x6A, Bit 0). Parity errors on the bits sampled by the
falling edge of DCI will increment the falling edge parity counter
(Register 0x6C) and set the PARERRFAL bit (Register 0x6A, Bit 1).
The parity counter continues to accumulate until it is cleared or
until it reaches a maximum value of 255. The count can be
cleared by writing a 1 to Register 0x6A, Bit 5.
To trigger an IRQ when a parity error occurs, write a 1 to
Register 0x04, Bit 7. This IRQ triggers if there is either a rising
edge or falling edge parity error. The status of the IRQ can be
observed via Register 0x06, Bit 7 or by using the selected IRQx
pin. Clear the IRQ by writing a 1 to Register 0x06, Bit 7.
Use the parity bit to validate the interface timing. As described
previously, the host provides a parity bit with the data samples,
as well as configures the AD9142A to generate an IRQ. The user
can then sweep the sampling instance of the AD9142A input
registers to determine at what point a sampling error occurs.
The sampling instance can be varied in discrete increments by
offsetting the nominal DLL phase shift value of 90° via Register
0x0A[3:0].
SED OPERATION
The AD9142A provides on-chip sample error detection (SED)
circuitry that simplifies verification of the input data interface.
The SED compares the input data samples captured at the digital
input pins with a set of comparison values. The comparison values
are loaded into registers through the SPI port. Differences between
the captured values and the comparison values are detected.
Options are available for customizing SED test sequencing and
error handling.
The SED circuitry allows the application to test a short user
defined pattern to confirm that the high speed source
synchronous data bus is correctly implemented and meets the
timing requirement. Unlike the parity bit, the SED circuitry is
expected to be used during initial system calibration, before the
AD9142A is in use in the application. The SED circuitry
operates on a data set made up of user defined input words,
denoted as I0, Q0, I1, and Q1. The user defined pattern consists
of sequential data word samples (I0 is sampled on the rising
edge of DCI, Q0 is sampled on the following falling edge of
DCI, I1 is sampled on the following DCI rising edge, and Q1 is
sampled on the following DCI falling edge). The user loads this
data pattern in the byte format into Register 0x61 through
Register 0x68.
The depth of the user defined pattern is selectable via Bit 4 in
the SED_CTRL register (0x60), with the default, 0, meaning a
depth of two (using I0 and Q0), and a 1 meaning a depth of four
(using I0, Q0, I1, and Q1, and requiring the use of frame signal
input to define I0 to the SED state machine). To properly align
the input samples using a depth of four, I0 is indicated by
asserting the frame signal for a minimum of two complete input
samples as shown in Figure 37. The frame signal can be issued
once at the start of the data transmission, or it can be asserted
repeatedly at intervals coinciding with the S0 word.
Figure 37. Timing Diagram of Extended FRAME Signal Required to Align
Input Data for SED
The SED has three flag bits (Register 0x60, Bit 0, Bit 1, and Bit 2)
that indicate the results of the input sample comparisons. The
sample error detected bit (Register 0x60, Bit 0) is set when an
error is detected and remains set until cleared.
I0
Q0
I1
Q1
I0
FRAME
DATA[15:0]
Rev. A | Page 26 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com