Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 57 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 53Page - Analog Devices AD9142ABCPZRL Datasheet HTML 54Page - Analog Devices AD9142ABCPZRL Datasheet HTML 55Page - Analog Devices AD9142ABCPZRL Datasheet HTML 56Page - Analog Devices AD9142ABCPZRL Datasheet HTML 57Page - Analog Devices AD9142ABCPZRL Datasheet HTML 58Page - Analog Devices AD9142ABCPZRL Datasheet HTML 59Page - Analog Devices AD9142ABCPZRL Datasheet HTML 60Page - Analog Devices AD9142ABCPZRL Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
AD9142A
Data Sheet
DAC CLOCK RECEIVER CONTROL REGISTER
Address: 0x10, Reset: 0xFF, Name: DACCLK_RECEIVER_CTRL
Table 40. Bit Descriptions for DACCLK_RECEIVER_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DACCLK_DUTYCYCLE_CORRECTION
Enables duty cycle correction at the DACCLK input. For
best performance, the default and recommended status
is turned on.
1
RW
6
Reserved
Must write the default value for optimal performance
1
RW
5
DACCLK_CROSSPOINT_CTRL_ENABLE
Enables crosspoint control at the DACCLK input. For best
performance, the default and recommended status is
turned on.
1
RW
[4:0]
DACCLK_CROSSPOINT_LEVEL
A twos complement value. For best performance, it is
recommended to set DACCLK_CROSSPOINT_LEVEL to
the default value.
0x1F
RW
01111
Highest crosspoint.
11111
Lowest crosspoint.
REF CLOCK RECEIVER CONTROL REGISTER
Address: 0x11, Reset: 0x5F, Name: REFCLK_RECEIVER_CTRL
Table 41. Bit Descriptions for REFCLK_RECEIVER_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DUTYCYCLE_CORRECTION
Enables duty cycle correction at the REFx/SYNCx input.
For best performance, the default and recommended
status is turned off.
0
RW
6
Reserved
Must write the default value for optimal performance
1
RW
5
REFCLK_CROSSPOINT_CTRL_ENABLE
Enables crosspoint control at the REFx/SYNCx input. For
best performance, the default and recommended status
is turned off.
0
RW
[4:0]
REFCLK_CROSSPOINT_LEVEL
A twos complement value. For best performance, it is
recommended to set REFCLK_CROSSPOINT_LEVEL to
the default value.
0x1F
RW
01111
Highest crosspoint.
11111
Lowest crosspoint.
PLL CONTROL 0 REGISTER
Address: 0x12, Reset: 0x00, Name: PLL_CTRL0
Table 42. Bit Descriptions for PLL_CTRL0
Bits
Bit Name
Settings
Description
Reset
Access
7
PLL_ENABLE
Enables PLL clock multiplier.
0
RW
6
AUTO_MANUAL_SEL
PLL band selection mode.
0
RW
0
Automatic mode.
1
Manual mode.
[5:0]
PLL_MANUAL_BAND
PLL band setting in manual mode. 64 bands in total, covering a 1 GHz to
2.1 GHz VCO range.
0x00
RW
000000
Lowest band (1 GHz).
111111
Highest band (2.1 GHz).
Rev. A | Page 56 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com