Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 40 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 36Page - Analog Devices AD9142ABCPZRL Datasheet HTML 37Page - Analog Devices AD9142ABCPZRL Datasheet HTML 38Page - Analog Devices AD9142ABCPZRL Datasheet HTML 39Page - Analog Devices AD9142ABCPZRL Datasheet HTML 40Page - Analog Devices AD9142ABCPZRL Datasheet HTML 41Page - Analog Devices AD9142ABCPZRL Datasheet HTML 42Page - Analog Devices AD9142ABCPZRL Datasheet HTML 43Page - Analog Devices AD9142ABCPZRL Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Data Sheet
AD9142A
SYNCHRONIZATION IMPLEMENTATION
The AD9142A lets the user choose either the rising or falling
edge of the DAC clock to sample the sync clock, which makes it
easier to meet the timing requirements. Ensure that the sync
clock, fSYNC, is 1/8 × fDATA or slower by a factor of 2n, n being an
integer (1, 2, 3…). Note that there is a limit on how slow the
sync clock can be received because of the ac coupling nature of
the sync clock receiver. Choose an appropriate value of the ac
coupling capacitors to ensure that the signal swing meets the
data sheet specification, as listed in Table 2.
The frame clock resets the FIFO in multiple AD9142A devices.
The frame can be either a one shot or continuous clock. In either
case, the pulse width of the frame must be longer than one DCI
cycle in the word interface mode and two DCI cycles in the byte
interface mode. When the frame is a continuous clock, fFRAME,
ensure that it is 1/8 × fDATA or slower by a factor of 2n, n being
an integer (1, 2, 3…). Table 23 lists the requirements of the
frame clock in various conditions. Byte interface mode is not
supported when the frame signal is used in synchronization.
Table 23. Frame Clock Speed and Pulse Width Requirement
Sync Clock
Maximum
Speed
Minimum Pulse Width
One Shot
N/A1
For both one shot and continuous
sync clocks, word interface mode =
one DCI cycle and byte interface
mode = two DCI cycles.
Continuous
fDATA/8
1
N/A means not applicable.
SYNCHRONIZATION PROCEDURES
When the sync accuracy of an application is less precise than
two DAC clock cycles, it is recommended to turn off the synchro-
nization machine because there are no additional steps required,
other than the regular start-up procedure sequence.
For applications that require more precise sync accuracy than
two DAC clock cycles, it is recommended that the procedure in
the Synchronization Procedure for PLL Off or Synchronization
Procedure for PLL On sections be followed to set up the system
and configure the device. For more information about the
details of the synchronization scheme in the AD9142A and
using the synchronization function to correct system skews and
drifts, see the DAC Latency and System Skews section.
Synchronization Procedure for PLL Off
1. Configure the DAC interpolation mode and, if NCO is
used, configure the NCO FTW.
2. Set up the DAC data interface according to the procedure
outlined in the Data Interface section and verify that the
DLL is locked.
3. Choose the appropriate mode in the FRAME_RESET_MODE
bits (Register 0x22[1:0]).
a. If NCO is not used, choose FIFO only mode.
b. If NCO is used, it must be synchronized. FIFO and
NCO mode can then be used.
4. Configure Bit 2 in Register 0x22 for continuous or one shot
reset mode. One shot reset mode is recommended.
5. Ensure that the DACCLK, DCI, and sync clock to all of the
AD9142A devices are running and stable.
6. Enable the sync engine by writing 1 to Register 0x21[0].
7. Send a valid frame pulse(s) to all of the AD9142A devices.
8. Verify that the frame pulse is received by each device by
reading back Register 0x22[3]. All the readback values are 1.
At this point, the devices should be synchronized.
Synchronization Procedure for PLL On
Note that, because the sync clock and PLL reference clock share
the same clock and the maximum sync clock rate is fDATA/8, the
same limit also applies to the reference clock. Therefore, only
2× interpolation is supported for synchronization with PLL on.
1. Set up the PLL according to the procedure in the Clock
Multiplication section and ensure that the PLL is locked.
2. Configure the DAC interpolation mode and, if NCO is
used, configure the NCO FTW.
3. Set up the DAC data interface according to the procedure
in the Data Interface section and verify that the DLL is
locked.
4. Choose the appropriate mode in the FRAME_RESET_MODE
bits (Register 0x22[1:0])
a. If NCO is not used, choose the FIFO only mode.
b. If NCO is used, it must be synchronized. FIFO and
NCO mode can then be used.
5. Configure Bit 2 in Register 0x22 for continuous or one shot
reset mode. One shot reset mode is recommended.
6. Ensure that DACCLK, DCI, and sync clock to all of the
AD9142A devices are running.
7. Enable the sync engine by writing 1 to Register 0x21[0].
8. Send a valid frame pulse(s) to all of the AD9142A devices.
9. Verify that the frame pulse is received by each device by
reading back Register 0x22[3]. All the readback values are 1.
At this point, the devices should be synchronized.
Rev. A | Page 39 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com