Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 56 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 52Page - Analog Devices AD9142ABCPZRL Datasheet HTML 53Page - Analog Devices AD9142ABCPZRL Datasheet HTML 54Page - Analog Devices AD9142ABCPZRL Datasheet HTML 55Page - Analog Devices AD9142ABCPZRL Datasheet HTML 56Page - Analog Devices AD9142ABCPZRL Datasheet HTML 57Page - Analog Devices AD9142ABCPZRL Datasheet HTML 58Page - Analog Devices AD9142ABCPZRL Datasheet HTML 59Page - Analog Devices AD9142ABCPZRL Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Data Sheet
AD9142A
DATA CONTROL 0 REGISTER
Address: 0x0A, Reset: 0x40, Name: DATA_CNTR_0
Table 35. Bit Descriptions for DATA_CNTR_0
Bits
Bit Name
Description
Reset
Access
7
DLL_ENABLE
1 = enable DLL.
0
RW
0 = disable DLL.
6
DUTY_CORRECTION_ENABLE
1 = enable duty cycle correction.
1
RW
0 = disable duty cycle correction.
[3:0]
DLL_PHASE_OFFSET
Locked phase = 90° + n ×11.25°, where n is the 4 bit signed magnitude
number. Valid phase setting ranges from −6 to +6, 13 phases in total.
0x0
RW
DATA CONTROL 1 REGISTER
Address: 0x0B, Reset: 0x39, Name: DATA_CNTR_1
Table 36. Bit Descriptions for DATA_CNTR_1
Bits
Bit Name
Description
Reset
Access
7
CLEAR_WARN
1= clears data receiver warning bits (Register 0x0E[6:4]).
0
RW
[6:0]
Reserved
Must write the default value for optimal performance.
0x39
RW
DATA CONTROL 2 REGISTER
Address: 0x0C, Reset: 0x64, Name: DATA_CNTR_2
Table 37. Bit Descriptions for DATA_CNTR_2
Bits
Bit Name
Description
Reset
Access
[7:0]
Reserved
Must write the default value for optimal performance.
0x64
RW
DATA CONTROL 3 REGISTER
Address: 0x0D, Reset: 0x06, Name: DATA_CNTR_3
Table 38. Bit Descriptions for DATA_CNTR_3
Bits
Bit Name
Description
Reset
Access
7
LOW_DCI_EN
Set to 0 when DLL is enabled and DCI rate is ≥350 MHz.
Set to 1 when DLL is enabled and DCI rate is <350 MHz.
0
RW
4
DC_COUPLE_LOW_EN
Set to 0 when DLL is enabled and delay line is disabled.
Set to 1 when DLL is disabled and delay line is enabled.
It is recommended that DLL mode be used for a DCI rate faster than 250 MHz
and the delay line mode be used for DCI rate slower than 250 MHz.
0
RW
[3:0]
Reserved
Must write the default value for optimal performance.
0x6
RW
DATA STATUS 0 REGISTER
Address: 0x0E, Reset: 0x00, Name: DATA_STAT_0
Table 39. Bit Descriptions for DATA_STAT_0
Bits
Bit Name
Description
Reset
Access
7
DLL_LOCK
1 = DLL lock.
0
R
6
DLL_WARN
1 = DLL near beginning/end of delay line.
0
R
5
DLL_START_WARNING
1 = DLL at beginning of delay line.
0
R
4
DLL_END_WARNING
1 = DLL at end of delay line.
0
R
3
Reserved
Reserved.
0
R
2
DCI_ON
1 = user has provided a clock >100 MHz.
0
R
1
Reserved
Reserved.
0
R
0
DLL_RUNNING
1 = closed loop DLL attempting to lock.
0 = delay fixed at middle of delay line.
0
R
Rev. A | Page 55 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com