Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 25 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 21Page - Analog Devices AD9142ABCPZRL Datasheet HTML 22Page - Analog Devices AD9142ABCPZRL Datasheet HTML 23Page - Analog Devices AD9142ABCPZRL Datasheet HTML 24Page - Analog Devices AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices AD9142ABCPZRL Datasheet HTML 27Page - Analog Devices AD9142ABCPZRL Datasheet HTML 28Page - Analog Devices AD9142ABCPZRL Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
AD9142A
Data Sheet
Figure 35 shows the DSC setup and hold times with respect to
the DCI signal and data signals.
Figure 35. LVDS Data Port Setup and Hold Times
Table 13 lists the values that are guaranteed over the operating
conditions. These values were taken with a 50% duty cycle and a
DCI swing of 450 mV p-p. For best performance, the duty cycle
variation should be kept below ±5%, and the DCI input should
be as high as possible, up to 1200 mV p-p.
Table 13. DLL Phase Setup and Hold Times (Guaranteed)
Frequency,
fDCI (MHz)
Time (ps)
Data Port Setup and Hold Times (ps)
at DLL Phase
−3
0
+3
307
tS
−125
−385
−695
tH
834
1120
1417
368
tS
−70
−305
−534
tH
753
967
1207
491
tS
−81
−245
−402
tH
601
762
928
Figure 36. LVDS Data Port Timing Requirements
DCI
DATA
DSC
tS
tH
INPUT DATA
DCI
DATA EYE
tS
DATA SAMPLE CLOCK
INPUT DATA
DCI
DATA SAMPLE CLOCK
DATA EYE
DLL PHASE
DELAY
tDATA JITTER
tH
tDATA JITTER
tH AND tS
tDCI SKEW
tDATA PERIOD
tDATA PERIOD
Rev. A | Page 24 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com