Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 18 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 14Page - Analog Devices AD9142ABCPZRL Datasheet HTML 15Page - Analog Devices AD9142ABCPZRL Datasheet HTML 16Page - Analog Devices AD9142ABCPZRL Datasheet HTML 17Page - Analog Devices AD9142ABCPZRL Datasheet HTML 18Page - Analog Devices AD9142ABCPZRL Datasheet HTML 19Page - Analog Devices AD9142ABCPZRL Datasheet HTML 20Page - Analog Devices AD9142ABCPZRL Datasheet HTML 21Page - Analog Devices AD9142ABCPZRL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Data Sheet
AD9142A
Figure 15. 1C WCDMA NSD vs. fOUT, over fDAC
Figure 16. Single Tone NSD vs. fOUT, fDAC = 1474.28 MHz, PLL On and Off
Figure 17. 1C WCDMA, First Adjacent ACLR vs. fOUT, PLL On and Off
Figure 18. 1C WCDMA, Second Adjacent ACLR vs. fOUT, PLL On and Off
Figure 19. Two Tone, Third IMD Performance,
IF = 280 MHz, fDAC = 1474.28 MHz
Figure 20. 1C WCDMA ACLR Performance, IF = 280 MHz, fDAC = 1474.28 MHz
–150
–152
–170
–168
–166
–164
–162
–160
–158
–156
–154
0
100
200
300
400
500
600
700
800
fOUT (MHz)
737.2MHz
983.04MHz
1228.8MHz
1474.56MHz
–150
–152
–168
–166
–164
–162
–160
–158
–156
–154
0
100
200
300
400
500
600
700
800
fOUT (MHz)
PLL OFF
PLL ON
–60
–85
–80
–75
–70
–65
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 1474.56MHz, PLL OFF, 0dBFS
fDAC = 1474.56MHz, PLL ON, 0dBFS
fDAC = 1228.8MHz, PLL OFF, 0dBFS
fDAC = 1228.8MHz, PLL ON, 0dBFS
–60
–90
–85
–80
–75
–70
–65
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 1474.56MHz, PLL OFF, 0dBFS
fDAC = 1474.56MHz, PLL ON, 0dBFS
fDAC = 1228.8MHz, PLL OFF, 0dBFS
fDAC = 1228.8MHz, PLL ON, 0dBFS
Rev. A | Page 17 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com