Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 43 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 39Page - Analog Devices AD9142ABCPZRL Datasheet HTML 40Page - Analog Devices AD9142ABCPZRL Datasheet HTML 41Page - Analog Devices AD9142ABCPZRL Datasheet HTML 42Page - Analog Devices AD9142ABCPZRL Datasheet HTML 43Page - Analog Devices AD9142ABCPZRL Datasheet HTML 44Page - Analog Devices AD9142ABCPZRL Datasheet HTML 45Page - Analog Devices AD9142ABCPZRL Datasheet HTML 46Page - Analog Devices AD9142ABCPZRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
AD9142A
Data Sheet
DAC INPUT CLOCK CONFIGURATIONS
The AD9142A DAC sample clock (DACCLK) can be sourced
directly or by clock multiplying. Clock multiplying employs the
on-chip PLL that accepts a reference clock operating at a
submultiple of the desired DACCLK rate. The PLL then
multiplies the reference clock up to the desired DACCLK
frequency, which can then be used to generate all of the internal
clocks required by the DAC. The clock multiplier provides a
high quality clock that meets the performance requirements of
most applications. Using the on-chip clock multiplier removes
the burden of generating and distributing the high speed DACCLK.
The second mode bypasses the clock multiplier circuitry and lets
DACCLK be sourced directly to the DAC core. This mode lets the
user source a very high quality clock directly to the DAC core.
DRIVING THE DACCLK AND REFCLK INPUTS
The DACCLKx and REFx/SYNCx differential inputs share
similar clock receiver input circuitry. Figure 53 shows a simplified
circuit diagram of the input. The on-chip clock receiver has a
differential input impedance of about 10 kΩ. It is self biased to a
common-mode voltage of about 1.25 V. The inputs can be
driven by differential PECL or LVDS drivers with ac coupling
between the clock source and the receiver.
Figure 53. Clock Receiver Input Simplified Equivalent Circuit
The minimum input drive level to the differential clock input is
100 mV p-p differential. The optimal performance is achieved
when the clock input signal is between 800 mV p-p differential
and 1.6 V p-p differential. Whether using the on-chip clock
multiplier or sourcing the DACCLK directly, the input clock
signal to the device must have low jitter and fast edge rates to
optimize the DAC noise performance.
DIRECT CLOCKING
Direct clocking with a low noise clock produces the lowest noise
spectral density at the DAC outputs. To select the differential
CLK inputs as the source for the DAC sampling clock, set the
PLL enable bit (Register 0x12[7]) to 0. This powers down the
internal PLL clock multiplier and selects the input from the
DACCLKP and DACCLKN pins as the source for the internal
DAC sampling clock. The REFCLKx input can remain floating.
The device also has clock duty cycle correction circuitry and
differential input level correction circuitry. Enabling these circuits
can provide improved performance in some cases. The control
bits for these functions are in Register 0x10 and Register 0x11.
CLOCK MULTIPLICATION
The on-chip PLL clock multiplier circuit generates the DAC
sample rate clock from a lower frequency reference clock. When
the PLL enable bit (Register 0x12[7]) is set to 1, the clock
multiplication circuit generates the DAC sampling clock from
the lower rate REFx/SYNCx input and the DACCLKx input is
left floating. The functional diagram of the clock multiplier is
shown in Figure 54.
The clock multiplier circuit operates such that the VCO outputs
a frequency, fVCO, equal to the REFx/SYNCx input signal
frequency multiplied by N1 × N0. N1 is the divide ratio of the
loop divider; N0 is the divide ratio of the VCO divider.
fVCO = fREFCLK × (N1 × N0)
The DAC sample clock frequency, fDACCLK, is equal to
fDACCLK = fREFCLK × N1
The output frequency of the VCO must be chosen to keep fVCO
in the optimal operating range of 1.03 GHz to 2.07 GHz. It is
important to select a frequency of the reference clock and values
of N1 and N0 so that the desired DACCLK frequency can be
synthesized and the VCO output frequency is in the correct range.
Figure 54. PLL Clock Multiplication Circuit
1.25V
5kΩ
100Ω
5kΩ
DACCLKP/
REFP/SYNCP
AD9142A
DACCLKN/
REFN/SYNCN
1~100nF
1~100nF
RECOMMENDED
EXTERNAL
CIRCUITRY
PHASE
FREQUENCY
DETECTION
CHARGE
PUMP
PLL CHARGE
PUMP CURRENT
REG 0x14[4:0]
DIVIDE BY
2, 4, 8, OR 16
LOOP DIVIDER
REG 0x15[1:0]
DIVIDE BY
1, 2, OR 4
VCO DIVIDER
REG 0x15[3:2]
ON-CHIP
LOOP FILTER
PLL LOOP BW
REG 0x14[7:5]
VCO
(1GHz~2.1GHz)
ADC
VCO CONTROL
VOLTAGE
REG 0x16[3:0]
REFP/SYNCP
(PIN 2)
REFN/SYNCN
(PIN 3)
DACCLKN
(PIN 62)
DACCLKP
(PIN 61)
DACCLK
PLL ENABLE
REG 0x12[7]
Rev. A | Page 42 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com