Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 48 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 44Page - Analog Devices AD9142ABCPZRL Datasheet HTML 45Page - Analog Devices AD9142ABCPZRL Datasheet HTML 46Page - Analog Devices AD9142ABCPZRL Datasheet HTML 47Page - Analog Devices AD9142ABCPZRL Datasheet HTML 48Page - Analog Devices AD9142ABCPZRL Datasheet HTML 49Page - Analog Devices AD9142ABCPZRL Datasheet HTML 50Page - Analog Devices AD9142ABCPZRL Datasheet HTML 51Page - Analog Devices AD9142ABCPZRL Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Data Sheet
AD9142A
EXAMPLE START-UP ROUTINE
To ensure reliable startup of the AD9142A, certain sequences
must be followed.
DEVICE CONFIGURATION AND START-UP
SEQUENCE 1
1. Set fDCI = 375 MHz, fOUT = 250 MHz, and interpolation to 4×.
2. Disable the PLL.
3. Enable fine NCO and the inverse sinc filter.
4. Use the DLL-based interface mode with DLL phase offset = 0.
Derived NCO Settings
The following NCO settings can be derived from the device
configuration:
fDAC = 375 × 4 = 1500 MHz.
fCARRIER = fOUT = 250 MHz.
FTW = fCARRIER/fDAC × 232 = 0x2AAAAAAA.
Start-Up Sequence 1
1. Power up the device (no specific power supply sequence is
required).
2. Apply stable DAC clock.
3. Apply stable DCI clock.
4. Feed stable input data.
5. Issue hardware reset (optional).
/* Device configuration register write sequence
*/
0x00 → 0x20 /* Issue software reset */
0x20 → 0x01 /* Device startup configuration */
/* Configure data interface */
0x5E → 0xFE /* Turn off LSB delay cell */
0x0A → 0xC0 /* Enable the DLL and duty cycle
correction. Set DLL phase offset to 0 */
Read 0x0E[7:4] /* Expect 1000b if the DLL is
locked */
/* Configure interpolation filter */
0x28 → 0x02 /* 4× interpolation */
/* Reset FIFO */
0x25 → 0x01
Read 0x25[1] /* Expect 1b if the FIFO reset is
complete */
Read 0x24 /* The readback should be one of the
three values: 0x33, 0x40, or 0x41 */
/* Configure NCO */
0x27→ 0x40 /* Enable NCO */
0x31 → 0xAA
0x32 → 0xAA
0x33 → 0xAA
0x34 → 0x2A
0x30 → 0x01
Read 0x30[1] /* Expect 1b if the NCO update is
complete */
/* Enable inverse sinc filter */
0x27 → 0xC0
/* Power up DAC outputs */
0x01 → 0x00
DEVICE CONFIGURATION AND START-UP
SEQUENCE 2
1. Set fDCI = 200 MHz and interpolation to 8×.
2. Enable the PLL, and set fREF = 200 MHz.
3. Enable the inverse sinc filter.
4. Use the delay line-based interface mode with a delay
setting of 0.
Derived PLL Settings
The following PLL settings can be derived from the device
configuration:
fDAC = 200 × 8 = 1600 MHz.
fVCO= fDAC = 1600 MHz (1.03 GHz < fVCO < 2.07 GHz).
VCO divider = fVCO/fDAC = 1.
Loop divider = fDAC/fREF = 8.
Start-Up Sequence 2
1. Power up the device (no specific power supply sequence is
required).
2. Apply stable DAC clock.
3. Apply stable DCI clock.
4. Feed stable input data.
5. Issue hardware reset (optional).
/* Device configuration register write sequence
*/
0x00 → 0x20 /* Issue software reset */
0x20 → 0x01 /* Device startup configuration */
/* Configure PLL */
0x14 → 0xE7 /* Configure PLL loop BW and charge
pump current */
0x15 → 0xC2 /* Configure VCO divider and loop
divider */
0x12 → 0xC0 /*Enable the PLL */
0x12 → 0x80
Wait 10ms for autoband selection to finish
Read 0x16[7] /* Expect 1b if the PLL is locked
*/
Rev. A | Page 47 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com